Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMA425U6AFR6N Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HMA425U6AFR6N
Description  DDR4 SDRAM Unbuffered DIMM Based on 4Gb A-die
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMA425U6AFR6N Datasheet(HTML) 2 Page - Hynix Semiconductor

  HMA425U6AFR6N Datasheet HTML 1Page - Hynix Semiconductor HMA425U6AFR6N Datasheet HTML 2Page - Hynix Semiconductor HMA425U6AFR6N Datasheet HTML 3Page - Hynix Semiconductor HMA425U6AFR6N Datasheet HTML 4Page - Hynix Semiconductor HMA425U6AFR6N Datasheet HTML 5Page - Hynix Semiconductor HMA425U6AFR6N Datasheet HTML 6Page - Hynix Semiconductor HMA425U6AFR6N Datasheet HTML 7Page - Hynix Semiconductor HMA425U6AFR6N Datasheet HTML 8Page - Hynix Semiconductor HMA425U6AFR6N Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
Rev. 1.7 / Mar.2016
2
Revision History
Revision No.
History
Draft Date
Remark
0.1
Initial Release
Dec.2014
0.2
Changed development plan
Jan.2015
1.0
IDD Specification update
Changed maximum VDDSPD from 2.75V to 3.6
May.2015
1.1
Module dimension update(PCB)
Jun.2015
1.2
Corrected Pin Assignments
Jul.2015
1.3
Added development plan (1Rx16)
Aug.2015
1.4
Changed Module Dimension
Oct.2015
1.5
Updated JEDEC Specification
Deleted Speed Grade Table
Dec.2015
1.6
Updated IDD Specification(1Rx16)
Dec.2015
1.7
Updated 2133Mbps (tCK(min) : 0.938ns->0.937ns)
Updated JEDEC Specification
Mar.2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com