Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCX55SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BCX55SQ
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BCX55SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BCX55SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BCX55SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BCX55SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, BCX55SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
www.pingjingsemi.com
Revison:1.0
May - 2019
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Units
hFE
40
-
-
-
63
-
160
-
25
-
-
-
Collector Base Cutoff Current
at VCB = 30 V
ICBO
-
-
0.1
μA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
0.1
μA
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
60
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
60
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 0.5 A, IB = 50 mA
VCE(sat)
-
-
0.5
V
Base Emitter Voltage
at VCE = 2 V, IC = 0.5 A
VBE
-
-
1
V
Transition Frequency
at VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
-
130
-
MHz
BCX55SQ
NPN Transistor
DC Current Gain
at VCE = 2 V, IC = 5 mA
at VCE = 2 V, IC = 150 mA
at VCE = 2 V, IC = 500 mA
BCX55SQ - 10
BCX55SQ - 16
100
-
-
250



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com