Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCX55SQ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # BCX55SQ
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BCX55SQ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BCX55SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BCX55SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BCX55SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, BCX55SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
Typical Characteristic Curves
BCX55SQ
NPN Transistor
0.2
1.0
1
10
100
1000
1
1000
10
100
1000
0
25
125
150
0
100
200
300
400
500
600
1
1000
0.4
0.6
0.8
1.0
0.1
10
1
10
100
100
10
100
0
5
0
50
100
150
200
250
1
1000
10
100
1000
10
100
COLLECTOR CURRENT
I
C
(mA)
C
ob/ Cib
—— V
CB/ VEB
V
BE
I
C
——
I
C
h
FE
——
T
a
=100℃
T
a
=25℃
COMMON EMITTER
V
CE
=2V
0.4
0.6
0.8
BASE-EMITTER VOLTAGE
V
BE
(V)
Static Characteristic
T
a
=100℃
T
a
=25℃
COMMON EMITTER
V
CE
=2V
300
30
10
100
COLLECTOR CURRENT
I
C
(mA)
f
T
——
1
3
REVERSE BIAS VOLTAGE
V
(V)
P
C
——
T
a
T
a
=100℃
T
a
=25℃
β=10
500
300
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
C
ob
C
ib
0.3
20
10
COMMON EMITTER
V
CE
=5V
T
a
=25℃
COMMON
EMITTER
T
a
=25℃
1.0mA
0.7mA
0.9mA
0.6mA
0.5mA
0.8mA
0.4mA
0.3mA
0.2mA
I
B
=0.1mA
1
2
34
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
C
T
a
=25℃
T
a
=100℃
β=10
V
BEsat
——
V
CEsat
——
I
C
I
C
300
30
10
100
COLLECTOR CURRENT
I
C
(mA)
www.pingjingsemi.com
Revison:1.0
May - 2019



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com