Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LHRFUG9553-R4-TR1 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LHRFUG9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFUG9553-R4-TR1 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

Back Button LHRFUG9553-R4-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 12Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LHRFUG9553/R4/TR1
Note : The tolerances unless mentioned is ±0.1mm,Angle± 0.5. Unit=mm.
‧ Packing Specifications
Label
Part No.
Quantity/Reel
Description
Aluminum Moist-Proof bag
Label
PART NO. LHRFUG9553/R4/TR1
Carrier Type Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 7/12
4.0
2.0
5.4
8.0
±0.3
ψ
1.5
1.75
3.5
3.66
4.0
2.08
3.00
2000 PCS
8.0mm tape,7"reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com