Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LHRFUG9553-R4-TR1 Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LHRFUG9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFUG9553-R4-TR1 Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LHRFUG9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LHRFUG9553-R4-TR1 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2.When soldering,do not put stress on the LEDs during heating.
1.Reflow soldering should not be done more than two times.
3.After soldering,do not warp the circuit board.
Note:
120 sec.Max.
2 PB-Free Reflow Solder
1~5°C/sec
1~5°C/sec
Preheat
180~200°C
Above 220°C
60 sec.Max.
260°C MaX. 10sec.Max
6°C/sec
Page 10/12
1. Hand Solder
Basic spec is ≦ 320℃ 3 sec one time only.
Recommended Soldering Conditions
PART NO. LHRFUG9553/R4/TR1
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com