Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK2MV64CC Datasheet(PDF) 16 Page - Intel Corporation

Part # STK2MV64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2MV64CC Datasheet(HTML) 16 Page - Intel Corporation

Back Button STK2MV64CC Datasheet HTML 12Page - Intel Corporation STK2MV64CC Datasheet HTML 13Page - Intel Corporation STK2MV64CC Datasheet HTML 14Page - Intel Corporation STK2MV64CC Datasheet HTML 15Page - Intel Corporation STK2MV64CC Datasheet HTML 16Page - Intel Corporation STK2MV64CC Datasheet HTML 17Page - Intel Corporation STK2MV64CC Datasheet HTML 18Page - Intel Corporation STK2MV64CC Datasheet HTML 19Page - Intel Corporation STK2MV64CC Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16
1.11.1.1
System States and Power States
Under ACPI, the operating system directs all system and device power state transitions. The
operating system puts devices in and out of low-power states based on user preferences and
knowledge of how devices are being used by applications. Devices that are not being used can be
turned off. The operating system uses information from applications and user settings to put the
system as a whole into a low-power state.
Table 4 lists the power states supported by the Compute Stick along with the associated system
power targets. See the ACPI specification for a complete description of the various system and
power states.
Table 4. Power States and Targeted System Power
Global States
Sleeping States
Processor States
Device States
Targeted System
Power (Note 1)
G0 – working
state
S0 – working
C0 – working
D0 – working state.
Full power
G1 – sleeping
state
S3 – Suspend to RAM.
Context saved to
RAM.
No power
D3 – no power
except for wake-up
logic.
Power < 5 W (Note 2)
G1 – sleeping
state
S4 – Suspend to disk.
Context saved to disk.
No power
D3 – no power
except for wake-up
logic.
Power < 5 W (Note 2)
G2/S5
S5 – Soft off. Context
not saved. Cold boot
is required.
No power
D3 – no power
except for wake-up
logic.
Power < 5 W (Note 2)
G3 – mechanical
off
AC power is
disconnected
from the
computer.
No power to the
system.
No power
D3 – no power for
wake-up logic.
No power to the system.
Service can be performed
safely.
Notes:
1.
Total system power is dependent on the system configuration and peripherals powered by the system power supply.
2.
Dependent on the standby power consumption of wake-up devices used in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com