Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK2MV64CC Datasheet(PDF) 32 Page - Intel Corporation

Part # STK2MV64CC
Description  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK2MV64CC Datasheet(HTML) 32 Page - Intel Corporation

Back Button STK2MV64CC Datasheet HTML 25Page - Intel Corporation STK2MV64CC Datasheet HTML 26Page - Intel Corporation STK2MV64CC Datasheet HTML 27Page - Intel Corporation STK2MV64CC Datasheet HTML 28Page - Intel Corporation STK2MV64CC Datasheet HTML 29Page - Intel Corporation STK2MV64CC Datasheet HTML 30Page - Intel Corporation STK2MV64CC Datasheet HTML 31Page - Intel Corporation STK2MV64CC Datasheet HTML 32Page - Intel Corporation STK2MV64CC Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
32
3.7.2
BIOS POST Hotkeys
The following hot keys are supported during boot.
[F2]
Enter BIOS Setup
[F7]
Update BIOS
[F8]
Activate Windows Recovery Mode
[F10]
Enter Boot Menu
3.7.3
Changing the Default Boot Device During POST
Pressing the <F10> key during POST causes a boot device menu to be displayed. This menu
displays the list of available boot devices. Table 9 lists the boot device menu options.
Table 9. Boot Device Menu Options
Boot Device Menu Function Keys
Description
<> or <>
Selects a default boot device
<Enter>
Exits the menu, and boots from the selected device
<Esc>
Exits the menu and boots according to the boot priority defined
through BIOS setup
3.7.4
Power Button Menu
The Power Button Menu is accessible via the following sequence:
1. System is in S4/S5 (not G3)
2. User pushes the power button and holds it down for approximately 3 seconds
3. Release immediately
4. User releases the power button before the 4-second shutdown override
If this boot path is taken, the BIOS will use default settings, ignoring settings in VPD where
possible.
At the point where Setup Entry/Boot would be in the normal boot path, the BIOS will display the
following prompt and wait for a keystroke:
[ESC]
Normal Boot
[3]
Reset Intel® AMT/Standard Manageability to default factory settings
[4]
Clear Trusted Platform Module (Warning: Data encryption with the TPM will no longer be
accessible if the TPM is cleared)
[F2]
Intel BIOS
[F4]
BIOS Recovery
[F7]
Update BIOS
[F10] Enter Boot Menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com