Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEVKIT-MPC5748G Datasheet(PDF) 4 Page - NXP Semiconductors

Part # DEVKIT-MPC5748G
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5748G Datasheet(HTML) 4 Page - NXP Semiconductors

  DEVKIT-MPC5748G Datasheet HTML 1Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 2Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 3Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 4Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 5Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 6Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 7Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 8Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
EXTERNAL USE
3
DEVKIT-MPC5748G Board : Features
• MPC5748G has 2 x 160 MHz Power Architecture® e200Z4 Dual issue
cores and 1 x 80 MHz Power Architecture® e200Z2 Single issue core
• MPC5748G qualified to AEC-Q100 Grade 1, ambient temperature of -40 to
+125 °C and suitable for ASIL-B/SIL2 applications
•
Arduino™ UNO R3 footprint-compatible with expansion “shield” support
• Integrated Open-standard Serial and Debug Adapter (OpenSDA) with
support for several industry-standard debug interfaces as well as JTAG
connector
• Easy access to the MCU I/O header pins for prototyping
• On-chip connectivity for Ethernet, FlexRay, USB, SDHC, CAN, LIN,
UART/SCI and SPI
• MicroSD card slot for access to SDHC interface.
• Potentiometer for precise voltage and analog measurement
• 8 user LED
• 2 user push-button switches
• Flexible power supply options
• micro-B USB
• 12V External power supply
• Similar hardware across ARM®, S12 and Power Architecture® architecture
based MCUs
• DEVKIT-COMM shield boards for extended 4 CAN and 6 LIN ports
•
Box includes:
− DEVKIT-MPC5748G Board
− USB Cable
•
Downloads includes:
− Quick Start Package
− S32 Design Studio IDE
− Application notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com