Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DEVKIT-MPC5748G Datasheet(PDF) 6 Page - NXP Semiconductors

Part # DEVKIT-MPC5748G
Description  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5748G Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button DEVKIT-MPC5748G Datasheet HTML 2Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 3Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 4Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 5Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 6Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 7Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 8Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 9Page - NXP Semiconductors DEVKIT-MPC5748G Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
EXTERNAL USE
5
Step-by-Step Installation Instructions
1
Install Software and Tools
Install S32 Design Studio IDE for Power Architecture.
S32 Design Studio for Power
See Software Installation Guide (SWIG) for detailed procedure
2
Connect the USB Cable
Connect one end of the USB cable to the PC and the other end to
the micro-B connector on the DEVKIT-MPC5748G board. Allow the
PC to automatically configure the USB drivers.
3
Observe the Default Program reaction
The pre-loaded example project utilizes the DEVKIT-MPC5748G
user push button (SW2) and the user LEDs. Once the board is
plugged in, LEDs will blink in default pattern. Press push button to
switch between the two different patterns. Use Potentiometer to
change blinking speed. (Clock is configured to PLL running at 160
MHz)
4
Learn More About the DEVKIT-MPC5748G
Read release notes and documentation on the
nxp.com/DEVKIT-MPC5748G
nxp.com/MPC5748G
In this quick start guide, you will learn how to set up the
DEVKIT-MPC5748G board and run the default program.
J11
3
1
Jumper Setting:
2-3: USB powered
5V Supply, through
OpenSDA interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com