Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DW12 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS2DW12 Datasheet HTML 2Page - STMicroelectronics LIS2DW12 Datasheet HTML 3Page - STMicroelectronics LIS2DW12 Datasheet HTML 4Page - STMicroelectronics LIS2DW12 Datasheet HTML 5Page - STMicroelectronics LIS2DW12 Datasheet HTML 6Page - STMicroelectronics LIS2DW12 Datasheet HTML 7Page - STMicroelectronics LIS2DW12 Datasheet HTML 8Page - STMicroelectronics LIS2DW12 Datasheet HTML 9Page - STMicroelectronics LIS2DW12 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted. The product is factory calibrated at 1.8 V. The operational
power supply range is from 1.62 V to 3.6 V.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min. Typ.(1) Max.
Unit
FS
Measurement range
±2
g
±4
±8
±16
So
Sensitivity
@ FS ±2 g in High-Performance Mode and all low-power
modes except Low-Power Mode 1
0.244
mg/digit
@ FS ±4 g in High-Performance Mode and all low-power
modes except Low-Power Mode 1
0.488
@ FS ±8 g in High-Performance Mode and all low-power
modes except Low-Power Mode 1
0.976
@ FS ±16 g in High-Performance Mode and all low-
power modes except Low-Power Mode 1
1.952
@ FS ±2 g in Low-Power Mode 1
0.976
@ FS ±4 g in Low-Power Mode 1
1.952
@ FS ±8 g in Low-Power Mode 1
3.904
@ FS ±16 g in Low-Power Mode 1
7.808
An
Noise density - High-performance
Mode(2)
@ FS ±2 g
90
µg/√Hz
RMS
RMS noise - Low-Power Modes(3)
@ FS ±2 g
Low-Power Mode 4
1.3
mg(RMS)
Low-Power Mode 3
1.8
Low-Power Mode 2
2.4
Low-Power Mode 1
4.5
TyOff
Zero-g level offset accuracy(4)
±20
mg
TCO
Zero-g offset change vs. temperature
±0.2
mg/°C
TCS
Sensitivity change vs. temperature
0.01
%/°C
ST
Self-test positive difference
70
1500
mg
1. Typical specifications are not guaranteed.
2. Noise density is the same for all ODRs. Low-noise setting enabled.
3. RMS noise is the same for all ODRs. Low-noise setting enabled.
4. Values after factory calibration test and trimming.
LIS2DW12
Mechanical and electrical specifications
DS11811 - Rev 8
page 6/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com