Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DW12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2DW12
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2DW12 Datasheet HTML 1Page - STMicroelectronics LIS2DW12 Datasheet HTML 2Page - STMicroelectronics LIS2DW12 Datasheet HTML 3Page - STMicroelectronics LIS2DW12 Datasheet HTML 4Page - STMicroelectronics LIS2DW12 Datasheet HTML 5Page - STMicroelectronics LIS2DW12 Datasheet HTML 6Page - STMicroelectronics LIS2DW12 Datasheet HTML 7Page - STMicroelectronics LIS2DW12 Datasheet HTML 8Page - STMicroelectronics LIS2DW12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Features
•
Ultra-low power consumption: 50 nA in power-down mode, below 1 µA in active
low-power mode
•
Very low noise: down to 1.3 mg RMS in low-power mode
•
Multiple operating modes with multiple bandwidths
•
Android stationary detection, motion detection
•
Supply voltage, 1.62 V to 3.6 V
•
Independent IO supply
•
±2g/±4g/±8g/±16g full scale
•
High-speed I²C/SPI digital output interface
•
Single data conversion on demand
•
16-bit data output
•
Embedded temperature sensor
•
Self-test
•
32-level FIFO
•
10000 g high shock survivability
•
ECOPACK, RoHS and “Green” compliant
Applications
•
Motion detection for wearables
•
Gesture recognition and gaming
•
Motion-activated functions and user interfaces
•
Display orientation
•
Tap/double-tap recognition
•
Free-fall detection
•
Smart power saving for handheld devices
•
Hearing aids
•
Portable healthcare devices
•
Wireless sensor nodes
•
Motion-enabled metering devices
Description
The LIS2DW12 is an ultra-low-power high-performance three-axis linear
accelerometer belonging to the “femto” family which leverages on the robust and
mature manufacturing processes already used for the production of micromachined
accelerometers.
The LIS2DW12 has user-selectable full scales of ±2g/±4g/±8g/±16g and is capable of
measuring accelerations with output data rates from 1.6 Hz to 1600 Hz.
The LIS2DW12 has an integrated 32-level first-in, first-out (FIFO) buffer allowing the
user to store data in order to limit intervention by the host processor.
The embedded self-test capability allows the user to check the functioning of the
sensor in the final application.
Product status link
LIS2DW12
Product summary
Order code
LIS2DW12
LIS2DW12TR
Temperature
range [°C]
-40 to +85
Package
LGA-12
Packing
Tray
Tape and reel
Product label
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
"femto" accelerometer
LIS2DW12
Datasheet
DS11811 - Rev 8 - July 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LIS2DW12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LIS2DW12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com