Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF80IRMPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC32RF80IRMPR Datasheet HTML 15Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 16Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 17Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 18Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 19Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 20Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 21Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 22Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
Temperature (°C)
-40
-15
10
35
60
85
56
57
58
59
60
61
D019
AVDD = 1.1 V
AVDD = 1.15 V
AVDD = 1.2 V
AVDD = 1.25 V
Temperature (°C)
-40
-15
10
35
60
85
62
64
66
68
70
72
D020
AVDD = 1.1 V
AVDD = 1.15 V
AVDD = 1.2 V
AVDD = 1.25 V
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
4000
53
55
57
59
61
63
D018
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
53
55
57
59
61
63
D072
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
4000
60
65
70
75
80
85
90
95
100
D017
fIN + fS/4 (dBc)
fIN - fS/2 (dBc)
fIN - fS/4 (dBc)
2fIN + fS/4 (dBc)
2fIN - fS/2 (dBc)
2fIN - fS/4 (dBc)
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
65
70
75
80
85
90
95
100
105
D071
fIN + fS/4 (dBc)
fIN - fS/2 (dBc)
fIN - fS/4 (dBc)
2fIN + fS/4 (dBc)
2fIN - fS/2 (dBc)
2fIN - fS/4 (dBc)
19
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2949.12 MSPS, DDC bypassed performance, 50% clock
duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise
noted)
AOUT = –2 dBFS with 0-dB gain for fIN less than 3 GHz,
AOUT = –3 dBFS with 2-dB gain for fIN more than 3 GHz
Figure 39. IL Spur vs Input Frequency
AOUT = –2 dBFS with 0-dB gain for fIN less than 3 GHz,
AOUT = –3 dBFS with 2-dB gain for fIN more than 3 GHz
Figure 40. IL Spur vs Input Frequency (fS = 2457.6 MSPS)
AOUT = –2 dBFS with 0-dB gain for fIN less than 3 GHz,
AOUT = –3 dBFS with 2-dB gain for fIN more than 3 GHz
Figure 41. Signal-to-Noise Ratio vs Input Frequency
AOUT = –2 dBFS with 0-dB gain for fIN less than 3 GHz,
AOUT = –3 dBFS with 2-dB gain for fIN more than 3 GHz
Figure 42. Signal-to-Noise Ratio vs Input Frequency
(fS = 2457.6 MSPS)
fIN = 1.78 GHz, AIN = –2 dBFS
Figure 43. Signal-to-Noise Ratio vs
AVDD Supply and Temperature
fIN = 1.78 GHz, AIN = –2 dBFS
Figure 44. Spurious-Free Dynamic Range vs
AVDD Supply and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com