Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF80IRMPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPR
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80IRMPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC32RF80IRMPR Datasheet HTML 18Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 19Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 20Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 21Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 22Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 23Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 24Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 25Page - Texas Instruments ADC32RF80IRMPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
Differential Clock Amplitude (Vpp)
0.5
0.9
1.3
1.7
2.1
2.5
51
54
52
56
53
58
54
60
55
62
56
64
D037
SNR
SFDR
Input Clock Duty Cycle (%)
40
45
50
55
60
55
62.5
56
65
57
67.5
58
70
59
72.5
60
75
D039
D038
SNR
SFDR
Differential Clock Amplitude (Vpp)
0.5
0.9
1.3
1.7
2.1
2.5
56
61
57
62
58
63
59
64
60
65
61
66
62
67
D036
SNR
SFDR
Amplitude (dBFS)
-70
-60
-50
-40
-30
-20
-10
0
48
0
50
10
52
20
54
30
56
40
58
50
60
60
62
70
64
80
66
90
68
100
70
110
72
120
D035
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
Amplitude (dBFS)
-70
-60
-50
-40
-30
-20
-10
0
48
0
50
10
52
20
54
30
56
40
58
50
60
60
62
70
64
80
66
90
68
100
70
110
72
120
D034
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
HD2 (dBFS)
0
5
10
15
20
25
D033
Temp = -40°C
Temp = 25°C
Temp = 85°C
22
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2949.12 MSPS, DDC bypassed performance, 50% clock
duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise
noted)
fIN = 1.78 GHz
Figure 57. HD2 Histogram at AVDD19 = 2.0 V
fIN = 1.78 GHz, AIN = –2 dBFS
Figure 58. Performance vs Amplitude
fIN = 3.5 GHz, AIN = –3 dBFS with 2-dB digital gain
Figure 59. Performance vs Amplitude
fIN = 1.78 GHz, AIN = –2 dBFS
Figure 60. Performance vs Clock Amplitude
fIN = 3.5 GHz, AIN = –3 dBFS
Figure 61. Performance vs Clock Amplitude
fIN = 1.78 GHz, AIN = –2 dBFS
Figure 62. Performance vs Clock Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com