Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6D11T-E Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6D11T-E
Description  Low-Noise, Precision, 90 MHz Differential I/O Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6D11T-E Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6D11T-E Datasheet HTML 27Page - Microchip Technology MCP6D11T-E Datasheet HTML 28Page - Microchip Technology MCP6D11T-E Datasheet HTML 29Page - Microchip Technology MCP6D11T-E Datasheet HTML 30Page - Microchip Technology MCP6D11T-E Datasheet HTML 31Page - Microchip Technology MCP6D11T-E Datasheet HTML 32Page - Microchip Technology MCP6D11T-E Datasheet HTML 33Page - Microchip Technology MCP6D11T-E Datasheet HTML 34Page - Microchip Technology MCP6D11T-E Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
 2019 Microchip Technology Inc.
DS20006162A-page 31
MCP6D11
“Amplifier
Configuration
Options”.
Figure 4-5
shows the typical representation of a differential I/O
amplifier with its feedback resistor network, and also
showing an equivalent circuit implementation based on
standard op amps that illustrates more clearly the
inverting amplifier configuration for the differential
signal path.
FIGURE 4-5:
Equivalent Basic Circuit Functions.
Comparing the two equivalent differential circuits of
Figure 4-5, the key difference is that in the case of the
two inverting operational amplifiers, the common-mode
voltage is controlled by the voltage applied to the
non-inverting inputs. For the differential I/O amplifier
the output common-mode voltage is controlled using
an independent feedback loop circuit (see Figure 4-1).
4.3.1
VOCM INPUT
As mentioned earlier (see Section 4.1 “Overview”),
the internal feedback control-loop drives the output
common-mode voltage (VOUT_CM) to be equal to the
voltage present at the VOCM pin. When the pin is left
open, VOCM defaults approximately to a mid-supply
voltage level set by the internal resistor divider (see
Figure 4-1).
EQUATION 4-21:
The VOCM input can be connected to an external refer-
ence voltage and varied within the specified range to
accommodate specific output common-mode levels
and achieve tighter control and higher accuracy. Refer
to Figure 3-30 and Figure 3-31 for the impact on the
achievable distortion when setting the VOCM voltage
away from mid-supply. In any case, an external decou-
pling capacitor is recommended to be added on the
VOCM pin to reduce the otherwise high output noise for
this high impedance node.
+
-
+
-
RF1
RF2
RG2
RG1
VIN-
VIN+
VOCM
VOUT+
VOUT-
RF1
-
+
RG1
VIN-
-
+
RG2
VIN+
RF2
VOCM
VOUT+
VOUT-
Equivalent
VSJ-
VSJ-
VSJ+
VSJ+
VOUT_CM
VOUT+ VOUT-
+

2
------------------------------------------------- VOCM
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com