Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6D11T-E Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP6D11T-E
Description  Low-Noise, Precision, 90 MHz Differential I/O Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6D11T-E Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP6D11T-E Datasheet HTML 35Page - Microchip Technology MCP6D11T-E Datasheet HTML 36Page - Microchip Technology MCP6D11T-E Datasheet HTML 37Page - Microchip Technology MCP6D11T-E Datasheet HTML 38Page - Microchip Technology MCP6D11T-E Datasheet HTML 39Page - Microchip Technology MCP6D11T-E Datasheet HTML 40Page - Microchip Technology MCP6D11T-E Datasheet HTML 41Page - Microchip Technology MCP6D11T-E Datasheet HTML 42Page - Microchip Technology MCP6D11T-E Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
 2019 Microchip Technology Inc.
DS20006162A-page 39
MCP6D11
5.2
Noise and Distortion
5.2.1
NOISE ANALYSIS
The MCP6D11 features very low noise with the voltage
noise density at 5.0 nV/√Hz and the current noise
density at 0.6 pA/√Hz. When analyzing the total output
referred differential noise (eno) of an amplifier stage the
surrounding resistor network contributions need to be
considered. Shown in Figure 5-5 is the general noise
model of a differential I/O amplifier and its resistor
feedback components.
FIGURE 5-5:
Differential I/O Amplifier Noise Analysis Model.
The analysis starts by identifying each voltage- and
current-noise term and its corresponding multiplication
factor (noise gain) in order to derive its contribution to
the
total
output
noise
(eno). The individual
output-referred noise terms are then squared to
combine noise as powers and are subsequently
combined as a root-sum-of-squares (RSS). For the
Differential I/O amplifier the voltage- and current-noise
terms from each feedback path result in a 2 x
contribution to the total noise as shown in Equation 5-7
below. One additional term is the common-mode
voltage noise (envocm), which normally reflects to the
output as a common-mode term, unless the two
feedback ratios are mismatched. Then a conversion
from common-mode to differential will occur. For envocm
the gain multiplier when referred to the output is:
GN x(1 - 2), which will be zero when 1 = 2.
EQUATION 5-7:
If the feedback ratios,
1 and 2 (RG =RG1 =RG2,
RF =RF1 =RF2) are equal, the equation simplifies con-
siderably to an expression very similar to a common
voltage-feedback op amp's noise equation, as shown
in Equation 5-8. Also, the current noise terms are
assumed to be equal (in+ =in-) and uncorrelated.
+
-
+
-
RF1
RF2
RG2
RG1
VOCM
enRG1
enRG2
enRF1
enRF2
eni
enVocm
in+
in-
eno
eno
2eni

2
2in Req1

2
2in Req2

2
2envocm 1 2
–


+
2
2enRG1 1 1
–


2
2enRG2 1 2
–


2
++
+
+
1
2
+

2
-------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
enRF1

2
enRF2

2
++
=
Where:
Req1
RG1 RF2

=
Req2
RG2 RF2

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com