Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS9C25512M2018L Datasheet(PDF) 23 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L Datasheet(HTML) 23 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 19Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 20Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 21Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 23Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 24Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 25Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 26Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 27Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 23 of 30
®
IEEE 1149.1 Serial boundary scan (JTAG)
The SRAM incorporates a serial boundary scan Test Access Port (TAP). All JTAG pins operate using JEDEC standard 2.5V I/O logic levels.
In order to operate the device without using the JTAG feature, all JTAG pins may be left unconnected. On power-up, the device will start in
a reset state which will not interfere with normal device operation.
TAP Controller block diagram
Note:
1. x = 111
JTAG timing waveform
Selection
Circuitry
Selection
Circuitry
31 30 29
0
1
2
.
.
.
Boundary Scan Register1
Identification Register
Bypass Register
Instruction Register
x[1]
0
1
2
0
1
2
0
.. . . .
TDI
TMS
TCK
TDO
TAP Controller
3
TEST CLK
TRST
tJCYC
TCK
TMS/TDI
TDO
tJCH
tJCL
tJIS tJIH
tJOH
tJCD
tJRS
tJRR
Don’t care
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com