Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F040-90TC Datasheet(PDF) 17 Page - Alliance Semiconductor Corporation

Part # AS29F040-90TC
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-90TC Datasheet(HTML) 17 Page - Alliance Semiconductor Corporation

Back Button AS29F040-90TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 17Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 18Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
®
$65<)373
$65<)373
$65<)373
$65<)373
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
4:
4:
4:
4:
0DUFK#5333
0DUFK#5333
0DUFK#5333
0DUFK#5333
5HFRPPHQGHG#RSHUDWLQJ#FRQGLWLRQV
7623#SLQ#FDSDFLWDQFH
3/&&#SLQ#FDSDFLWDQFH
'DWD#UHWHQWLRQ
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
+4.5
5.0
+5.5
V
VSS
00
0V
Input voltage
VIH
2.0
-
VCC + 0.5
V
VIL
–0.5
-
0.8
V
Symbol
Parameter
Test setup
Typ
Max
Unit
CIN
Input capacitance
VIN = 0
6
7.5
pF
COUT
Output capacitance
VOUT = 0
8.5
12
pF
CIN2
Control pin capacitance
VIN = 0
7.5
9
pF
Symbol
Parameter
Test setup
Typ
Max
Unit
CIN
Input capacitance
VIN = 0
6
7.5
pF
COUT
Output capacitance
VOUT = 0
8.5
12
pF
CIN2
Control pin capacitance
VIN = 0
7.5
9
pF
Parameter
Temp. (°C)
Min
Unit
Minimum pattern data retention time
150°
10
years
125°
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com