Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F040-90TC Datasheet(PDF) 18 Page - Alliance Semiconductor Corporation

Part # AS29F040-90TC
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-90TC Datasheet(HTML) 18 Page - Alliance Semiconductor Corporation

Back Button AS29F040-90TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 17Page - Alliance Semiconductor Corporation AS29F040-90TC Datasheet HTML 18Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
$65<)373
$65<)373
$65<)373
$65<)373
DID 11-20011-A. Copyright ©2000 Alliance Semiconductor Corporation (Alliance)'s three-point logo, our name, and Intelliwatt™ are trademarks orregistered trademarks of Alliance. All other brand and product names may be the trademarks of their
respective companies. Alliance reserves the right to make changes to this web site and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this web site. Alliance does not assume any responsi-
bility or liability arising out of the application or use of any product described herein, and disclaims any express or impliedwarranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except
as expressly agreed to in Alliance's Terms and Conditions of Sale (available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not
convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems
where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indem-
nify Alliance against all claims arising from such use.
®
4;
4;
4;
4;
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
0DUFK#5333
0DUFK#5333
0DUFK#5333
0DUFK#5333
3DFNDJH#GLPHQVLRQV
$65<)373#RUGHULQJ#FRGHV-
$65<)373#SDUW#QXPEHULQJ#V\VWHP
Package \ Access time
55ns
(commercial/industrial)
70 ns
(commercial/industrial)
90 ns
(commercial/industrial)
120 ns
(commercial/industrial)
150 ns
(commercial/industrial)
TSOP, 8×20 mm, 32-pin
AS29F040-55TC
AS29F040-55TI
AS29F040-70TC
AS29F040-70TI
AS29F040-90TC
AS29F040-90TI
AS29F040-120TC
AS29F040-120TI
AS29F040-150TC
AS29F040-150T
PLCC, 0.55×0.45”, 32-pin
AS29F040-55LC
AS29F040-55LI
AS29F040-70LC
AS29F040-70LI
AS29F040-90LC
AS29F040-90LI
AS29F040-120LC
AS29F040-120LI
AS29F040-150LC
AS29F040-150LI
* Industrial and Commercial temperature range available
AS29F
040
–XXX
X
X
Flash EEPROM prefix
Device number
Address access time
Package:
L= PLCC
T= TSOP
Temperature range:
C
= Commercial: 0°C to 70°C
I
= Industrial: -40°C to 85°C
e
f
g
b
a
c
d
i
h
j
0–5°
32-pin TSOP
min
(mm)
max
(mm)
a1.20
b0.25
c0.5
0.7
d0.1
0.21
e
18.30
18.50
f
19.80
20.20
g
7.90
8.10
h
0.95
1.05
i
0.05
0.15
j0.50
1
2
3
4
5
6
7
8
9
10
11
12
13
14
32
31
30
29
28
27
26
25
24
23
22
21
20
19
15
16
18
17
32-pin TSOP
32-pin PLCC
1
2
323130
43
29
28
27
26
25
24
23
21
22
5
6
7
8
9
10
11
13
12
17
16
18
19
20
14
15
a
b
d
c
e
f
g
h
i
j
JEDEC outline
MS-016 AE
Body size
0.450 in. × 0.550 in.
Package thickness
0.110 in.
Board standoff
0.020 in. (min)
Lead pitch
0.050 in.
Coplanarity
0.004 in. (max)
32-pin PLCC
typical (inch)
a0.49
b0.45
c0.59
d0.55
e0.52
f0.09
g0.136
h0.075
i0.52
j0.028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com