Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/SS301 Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F917E/SS301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/SS301 Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F917E/SS301 Datasheet HTML 47Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 48Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 49Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 50Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 51Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 52Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 53Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 54Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 49
PIC16F917/916/914/913
3.3.3.8
RB7/ICSPDAT/ICDDAT/SEG13
Figure 3-13 shows the diagram for this pin. The
RB7/ICSPDAT/ICDDAT/SEG13 pin is configurable to
function as one of the following:
• a general purpose I/O
• an In-Circuit Serial Programming™ I/O
• an ICD data I/O
• an analog output for the LCD
FIGURE 3-13:
BLOCK DIAGRAM OF RB7/ICSPDAT/ICDDAT/SEG13
From other
Set RBIF
RB<7:4> pins
FOSC/4
RD PORTB
PGD
Q
D
CK
Data Latch
TRIS Latch
RD TRISB
RD PORTB
Q
D
CK
D
Q
EN
TTL
Input Buffer
SE13 and LCDEN
Data Bus
WR PORTB
WR TRISB
P
VDD
I/O Pin
VDD
Weak
Pull-up
SE13 and LCDEN
RBPU(1)
Note 1:
To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit.
D
Q
EN
PORT/Program Mode/ICD
SEG13
Schmitt
Trigger Buffer
SE13 and LCDEN
1
0
0
1
PGD DRVEN
PGD
SE13 and LCDEN
Program
Mode/ICD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com