Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/SS301 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F917E/SS301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/SS301 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F917E/SS301 Datasheet HTML 10Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 11Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 12Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 13Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 14Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 15Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 16Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 17Page - Microchip Technology PIC16F917E/SS301 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 12
Preliminary
© 2005 Microchip Technology Inc.
RC7/RX/DT/SDI/SDA/SEG8
RC7
ST
CMOS
General purpose I/O.
RX
ST
—
USART asynchronous serial receive.
DT
ST
CMOS
USART synchronous serial data.
SDI
ST
CMOS
SPI™ data input.
SDA
ST
CMOS
I2C™ data.
SEG8
—
AN
LCD analog output.
RD0/COM3(1, 2)
RD0
ST
CMOS
General purpose I/O.
COM3
—
AN
LCD analog output.
RD1(2)
RD1
ST
CMOS
General purpose I/O.
RD2/CCP2(2)
RD2
ST
CMOS
General purpose I/O.
CCP2
ST
CMOS
Capture 2 input/Compare 2 output/PWM 2 output.
RD3/SEG16(2)
RD3
ST
CMOS
General purpose I/O.
SEG16
—
AN
LCD analog output.
RD4/SEG17(2)
RD4
ST
CMOS
General purpose I/O.
SEG17
—
AN
LCD analog output.
RD5/SEG18(2)
RD5
ST
CMOS
General purpose I/O.
SEG18
—
AN
LCD analog output.
RD6/SEG19(2)
RD6
ST
CMOS
General purpose I/O.
SEG19
—
AN
LCD analog output.
RD7/SEG20(2)
RD7
ST
CMOS
General purpose I/O.
SEG20
—
AN
LCD analog output.
RE0/AN5/SEG21(2)
RE0
ST
CMOS
General purpose I/O.
AN5
AN
—
Analog input Channel 5.
SEG21
—
AN
LCD analog output.
RE1/AN6/SEG22(2)
RE1
ST
CMOS
General purpose I/O.
AN6
AN
—
Analog input Channel 6.
SEG22
—
AN
LCD analog output.
RE2/AN7/SEG23(2)
RE2
ST
CMOS
General purpose I/O.
AN7
AN
—
Analog input Channel 7.
SEG23
—
AN
LCD analog output.
RE3/MCLR/VPP
RE3
ST
—
Digital input only.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
VDD
VDD
D
—
Power supply for microcontroller.
VSS
VSS
D
—
Ground reference for microcontroller.
TABLE 1-1:
PIC16F91X PINOUT DESCRIPTIONS (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
D = Direct
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV
= High Voltage
XTAL = Crystal
Note 1:
COM3 is available on RA3 for the PIC16F913/916 and on RD0 for the PIC16F914/917.
2:
Pins available on PIC16F914/917 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com