Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2T45DCT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC2T45DCT
Description  Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2T45DCT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2T45DCT Datasheet HTML 2Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 3Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 4Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 5Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 6Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 7Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 8Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 9Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
SN74LVC2T45
SCES516K – DECEMBER 2003 – REVISED JUNE 2017
www.ti.com
Product Folder Links: SN74LVC2T45
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
6.5 Electrical Characteristics
(1) (2)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
–40°C to +85°C
UNIT
MIN
TYP
MAX
MIN
MAX
VOH
IOH = –100 μA
VI = VIH
1.65 V to 4.5 V
1.65 V to 4.5 V
VCCO – 0.1
V
IOH = –4 mA
1.65 V
1.65 V
1.2
IOH = –8 mA
2.3 V
2.3 V
1.9
IOH = –24 mA
3 V
3 V
2.4
IOH = –32 mA
4.5 V
4.5 V
3.8
VOL
IOL = 100 μA
VI = VIL
1.65 V to 4.5 V
1.65 V to 4.5 V
0.1
V
IOL = 4 mA
1.65 V
1.65 V
0.45
IOL = 8 mA
2.3 V
2.3 V
0.3
IOL = 24 mA
3 V
3 V
0.55
IOL = 32 mA
4.5 V
4.5 V
0.55
II
DIR
VI = VCCA or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
Ioff
A port
VI or VO = 0 to 5.5 V
0 V
0 to 5.5 V
±1
±2
µA
B port
0 to 5.5 V
0 V
±1
±2
IOZ
A or B
port
VO = VCCO or GND
1.65 V to 5.5 V
1.65 V to 5.5 V
±1
±2
µA
ICCA
VI = VCCI or GND, IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
3
µA
5 V
0 V
2
0 V
5 V
–2
ICCB
VI = VCCI or GND, IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
3
µA
5 V
0 V
–2
0 V
5 V
2
ICCA + ICCB
(see Table 5)
VI = VCCI or GND, IO = 0
1.65 V to 5.5 V
1.65 V to 5.5 V
4
µA
ΔICCA
A port
One A port at VCCA – 0.6 V,
DIR at VCCA,
B port = open
3 V to 5.5 V
3 V to 5.5 V
50
µA
DIR
DIR at VCCA – 0.6 V,
B port = open,
A port at VCCA or GND
50
ΔICCB
B port
One B port at VCCB – 0.6 V,
DIR at GND, A port = open
3 V to 5.5 V
3 V to 5.5 V
50
µA
CI
DIR
VI = VCCA or GND
3.3 V
3.3 V
2.5
pF
Cio
A or B
port
VO = VCCA/B or GND
3.3 V
3.3 V
6
pF
6.6 Switching Characteristics: VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted) (see Figure 17)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.8 V
±0.15 V
VCCB = 2.5 V
±0.2 V
VCCB = 3.3 V
±0.3 V
VCCB = 5 V
±0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
3
17.7
2.2
10.3
1.7
8.3
1.4
7.2
ns
tPHL
2.8
14.3
2.2
8.5
1.8
7.1
1.7
7
tPLH
B
A
3
17.7
2.3
16
2.1
15.5
1.9
15.1
ns
tPHL
2.8
14.3
2.1
12.9
2
12.6
1.8
12.2
tPHZ
DIR
A
10.6
30.9
10.3
30.5
10.5
30.5
10.7
29.3
ns
tPLZ
7.3
19.7
7.5
19.6
7.5
19.5
7
19.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com