Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLM-14 Datasheet(PDF) 3 Page - Luminus, Inc

Part # CLM-14
Description  COB Arrays White LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CLM-14 Datasheet(HTML) 3 Page - Luminus, Inc

  CLM-14 Datasheet HTML 1Page - Luminus, Inc CLM-14 Datasheet HTML 2Page - Luminus, Inc CLM-14 Datasheet HTML 3Page - Luminus, Inc CLM-14 Datasheet HTML 4Page - Luminus, Inc CLM-14 Datasheet HTML 5Page - Luminus, Inc CLM-14 Datasheet HTML 6Page - Luminus, Inc CLM-14 Datasheet HTML 7Page - Luminus, Inc CLM-14 Datasheet HTML 8Page - Luminus, Inc CLM-14 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
PDS-003004 Rev 02
© 2020 Luminus Devices, Inc. - All Rights Reserved
CLM-14 Product Datasheet
Note: Luminus maintains a +/- 0.005 tolerance on chromaticity (CIEx and CIEy) measurements
Chromaticity Bins: 1931 CIE Color Space
Chromaticity Bin Structure
The following tables describe the chromaticity bin center points, the orientation angle for the MacAdam ellipse (θ °), and the maximum
radii for the ellipses. The ANSI Bin is provided for reference.
CCT
Center Point
Angle
3-step Bin
2-step Bin
CIEx
CIEy
θ (°)
a
b
a
b
2400K
0.481
0.414
53.7
0.0081
0.0042
0.0054
0.0028
2700K
0.4578
0.4101
53.7
0.0081
0.0042
0.0054
0.0028
3000K
0.4338
0.403
53.2
0.00834
0.00408
0.00556
0.00272
3500K
0.4073
0.3917
54
0.00927
0.00414
0.00618
0.00276
4000K
0.3818
0.3797
53.7
0.00939
0.00402
0.00626
0.00268
5000K
0.3447
0.3553
59.6
0.00822
0.00354
5700K
0.3287
0.3417
59.1
0.00746
0.0032
6500K
0.3123
0.3282
58.57
0.00669
0.00285
Luminus Devices, Inc. • www.luminus.com
1145 Sonora Court Sunnyvale, CA 94086 USA
2700K
3000K
3500K
4000K
5000K
6500K
5700K
2400K
0.28
0.33
0.38
0.43
0.48
0.29
0.31
0.33
0.35
0.37
0.39
0.41
0.43
0.45
0.47
0.49
0.51
0.53
CIE_x
Blackbody locus
ANSI bins C78.377-2008
Isothem lines
Standard 2-step
Standard 3-step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com