Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLM-14 Datasheet(PDF) 1 Page - Luminus, Inc

Part # CLM-14
Description  COB Arrays White LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CLM-14 Datasheet(HTML) 1 Page - Luminus, Inc

  CLM-14 Datasheet HTML 1Page - Luminus, Inc CLM-14 Datasheet HTML 2Page - Luminus, Inc CLM-14 Datasheet HTML 3Page - Luminus, Inc CLM-14 Datasheet HTML 4Page - Luminus, Inc CLM-14 Datasheet HTML 5Page - Luminus, Inc CLM-14 Datasheet HTML 6Page - Luminus, Inc CLM-14 Datasheet HTML 7Page - Luminus, Inc CLM-14 Datasheet HTML 8Page - Luminus, Inc CLM-14 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Applications
• Spotlights/Track Lights
• Downlights
• Shop Lighting
• Hospitality Lighting
• Architectural and Specialty
• Street Lighting
• Parking Lot and Area Lighting
• Tunnel Lighting
Features:
• High lumen output and efficacy typical
• Over 2,300 lm, 139 LPW @ 3000K, 90CRI, T
j = 85ºC
• Over 2,945 lm, 177 LPW @ 5000K, 70CRI, T
j = 85ºC
• CCT range 2400K, 2700K, 3000K, 3500K, 4000K, 5000K, 5700K and 6500K
• AccuWhite High Color Rendering, 97CRI Typ. Most CCTs
• 3 SDCM color binning standard, 2 SDCM binning available
• Excellent optical emission uniformity and color over angle consistency
• Exceptional long term color stability
• Superior thermal conductivity for uniform heat spreading
• Environmentally friendly: RoHS and REACH compliant
• UL recognized, file # E465703
Contents
Part Number Nomenclature2
CCT, CRI & R9 Specification..2
Chromaticity Bin Structure .3
Ordering Part Numbers.....4
Operating Characteristics ..6
Optical and Electrical Charac-
teristics ....................7
Typical Spectrum ..........8
Radiation Pattern ..........8
Mechanical Dimension .....9
Shipping Container ...... 10
Label Information ........ 10
Technology Review ...... 11
Test Specifications ....... 11
Handling Notes .......... 12
1
PDS-003004 Rev 02
© 2020 Luminus Devices, Inc. - All Rights Reserved
Generation 4
CLM-14 COB Arrays
White LED
CLM-14 Product Datasheet
Luminus Devices, Inc. • www.luminus.com
1145 Sonora Court Sunnyvale, CA 94086 USA
RoHS
REACH


Similar Part No. - CLM-14

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
CLM-14-18-70-36-AC38-F4-3 LUMINUS-CLM-14-18-70-36-AC38-F4-3 Datasheet
2Mb / 21P
Custom Color COB Arrays LED Specialty Lighting
CLM-14-18-70-36-AC48-F5-3 LUMINUS-CLM-14-18-70-36-AC48-F5-3 Datasheet
1Mb / 23P
Custom Color COB Arrays LED Specialty Lighting
CLM-14-22-90-36-TC60-F7-2 LUMINUS-CLM-14-22-90-36-TC60-F7-2 Datasheet
1Mb / 12P
Generation 6 CLM-14 COB Arrays White LED
2023
CLM-14-22-90-36-TC60-F7-3 LUMINUS-CLM-14-22-90-36-TC60-F7-3 Datasheet
1Mb / 12P
Generation 6 CLM-14 COB Arrays White LED
2023
CLM-14-24-90-36-TC60-F7-2 LUMINUS-CLM-14-24-90-36-TC60-F7-2 Datasheet
1Mb / 12P
Generation 6 CLM-14 COB Arrays White LED
2023
More results

Similar Description - CLM-14

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
CHM-6 LUMINUS-CHM-6 Datasheet
1Mb / 12P
COB Arrays White LED
CHM-14 LUMINUS-CHM-14 Datasheet
1Mb / 12P
COB Arrays White LED
CHM-22 LUMINUS-CHM-22 Datasheet
1Mb / 10P
COB Arrays White LED
CHM-27 LUMINUS-CHM-27 Datasheet
1Mb / 12P
COB Arrays White LED
CIM-9 LUMINUS-CIM-9 Datasheet
1Mb / 13P
COB Arrays White LED
CLM-22 LUMINUS-CLM-22 Datasheet
1Mb / 11P
COB Arrays White LED
CXM-6 LUMINUS-CXM-6 Datasheet
1Mb / 15P
COB Arrays White LED
CXM-7 LUMINUS-CXM-7 Datasheet
1Mb / 14P
COB Arrays White LED
CXM-14 LUMINUS-CXM-14 Datasheet
1Mb / 13P
COB Arrays White LED
CXM-22 LUMINUS-CXM-22 Datasheet
1Mb / 11P
COB Arrays White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com