Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLINK-V3MODS Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLINK-V3MODS
Description  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLINK-V3MODS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLINK-V3MODS Datasheet HTML 13Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 14Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 15Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 16Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 17Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 18Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 19Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 20Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
UM2502 Rev 1
17/27
UM2502
Board connectors
26
9
Board connectors
9.1
Connectors
Per convention, please refer to Table 3 for I/O Type definition:
9.1.1
USB Micro-B
The USB connector CN5 is used to connect the embedded STLINK-V3MODS or STLINK-
V3MINI to the PC.
Figure 10. USB Micro-B connector CN1 (front view)
The related pinout for the USB ST-LINK connector is listed in Table 4.
Table 3. I/O type definition
Type
Definition
S
Supply pin
I
Input only pin
O
Output only pin
I/O
Input/Output pin
Table 4. USB Micro-B connector pinout CN5
Pin
number
Pin
name
Function
1
VBUS
5 V power
2
DM (D-)
USB differential pair M
3
DP (D+)
USB differential pair P
4ID
-
5GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com