Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT-121-R-L11-MPE Datasheet(PDF) 5 Page - Luminus, Inc

Part # PT-121-R-L11-MPE
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPE Datasheet(HTML) 5 Page - Luminus, Inc

  PT-121-R-L11-MPE Datasheet HTML 1Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 2Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 3Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 4Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 5Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 6Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Note 1:
Bin Kits are defined by a group of flux or power bins. Only one flux bin will be shipped in each individual pack. A shipment will contain packs of
different allowed flux bins for a particular ordering part number. In order to ensure availability, individual Flux or Power bins are not ordereable.
Note 2:
PT-121 LEDs are tested for luminous flux at 30A at 25% duty cycle for Red-Amber and Blue. and at 50% duty cycle for Green Devices.
Devices are sorted and packed by flux bin. Not all flux bins are are currrently populated.
Note 3:
Luminus maintains a test measurement accuracy for LED flux and power of +/- 6%.
Note 4:
Red and Green Flux bin limits apply across entire dominant wavelength range. Dominant wavelength range for Red and Green devices are
specified on the Optical & Electrical Characteristics section.
Note 5:
Blue Flux bin limits are defined at dominant wavelength, 462 nm.
5
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
Red Flux Bins
(Discontinued)
Bin 5C
Bin 5D
Bin 5E
Bin 5F
Bin 5G
Bin 5H
Bin 5J
Red Bin Flux Range4 (lm)
1490-1630
1630-1760
1760-1900
1900-2025
2025-2150
2150 -2300 2300- 2450
PT-121-R-L11-MPE
þ
þ
þ
þ
þ
PT-121-R-L11-MPF
þ
þ
þ
þ
þ
PT-121-R-L11-MPG
þ
þ
þ
þ
þ
Red -Amber Flux Bins
(Discontinued)
Bin 5D
Bin 5E
Bin 5F
Bin 5G
Bin 5H
Bin 5J
Bin 5K
Bin 5L
Red -Amber
Bin Flux Range4 (lm)
1630-1760
1760-1900
1900-2025
2025-2150
2150-2300
2300- 2450
2450-2625
2625-2800
PT-121-RA-L11-MPF
þ
þ
þ
þ
þ
PT-121-RA-L11-MPG
þ
þ
þ
þ
þ
PT-121-RA-L11-MPH
þ
þ
þ
þ
þ
PT-121-RA-L11-MPJ
þ
þ
þ
þ
þ
RAX Flux Bins
Bin 5H
Bin 5J
Bin 5K
Bin 5L
Bin 5M
Bin 5N
Bin 5P
RAX
Bin Flux Range4 (lm)
2150-2300
2300- 2450
2450-2625
2625-2800
2800-3000
3000-3200
3200-3400
PT-121-RAX-L15-MPH
þ
þ
þ
þ
þ
PT-121-RAX-L15-MPJ
þ
þ
þ
þ
þ
PT-121-RAX-L15-MPK
þ
þ
þ
þ
þ
Green Flux Bins
Bin 5J
Bin 5K
Bin 5L
5M
5N
5P
5Q
Green Bin Flux Range4 (lm)
4200-4400
4400-4650
4650-4900
4900-5200
5200-5500
5500-5825
5825-6200
PT-121-G-L11-MPK
þ
þ
þ
þ
þ
þ
PT-121-G-L11-MPL
þ
þ
þ
þ
þ
þ
PT-121-G-L11-MPM
þ
þ
þ
þ
þ
PT-121-G-L11-MPN
þ
þ
þ
þ
Blue Power Bins
Bin 5F
Bin 5G
Bin 5H
Bin 5J
Bin 5K
Bin 5L
5M
5N
Blue Bin Flux Range5 (lm)
750-815
815-880
880-940
940-1000
1000-1070
1070-1145
1145-1220
1220-1300
PT-121-B-L11-EPDnnn
þ
þ
þ
þ
þ
PT-121-B-L11-EPEnnn
þ
þ
þ
þ
þ
PT-121-B-L11-EPFnnn
þ
þ
þ
þ
þ
PT-121-B-L11-EPGnnn
þ
þ
þ
þ
þ
PT-121 Bin Kit1and Flux Bin2,3,4 Definitions
Note: Please refer to ordering part number table on page 3 for Bin Kit availability
PT-121-TE Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com