Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT-121-R-L11-MPE Datasheet(PDF) 6 Page - Luminus, Inc

Part # PT-121-R-L11-MPE
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPE Datasheet(HTML) 6 Page - Luminus, Inc

Back Button PT-121-R-L11-MPE Datasheet HTML 2Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 3Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 4Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 5Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 6Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 9Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 10Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Optical & Electrical Characteristics
6
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
General Characteristics
Symbol
Red
(Discontinued)
Red -Amber
(Discontinued)
RAX
Green
Blue
Unit
Emitting Area
12
12
12
12
12
mm2
Emitting Area Dimensions
4 x 3
4 x 3
4 x 3
4 x 3
4 x 3
mmx-
mm
Characteristics at Recommended Test Drive Current , I
f
1, 2
Reference Duty Cycle 3
25
25
25
50
25
%
Test Peak Drive Current 1,2,4
typ
I
F
30
30
30
30
30
A
Peak Luminuous Flux 1,2,5
typ
Φ
v
1625
2100
2650
5200
1000
lm
Peak Radiometric Flux 1,2
typ
Φ
r
9.2
8.3
9.4
10.6
21
W
Dominant Wavelength
min
λ
dmin
619
609
609
516
450
nm
typ
λ
d
623
613
613
525
460
nm
max
λ
dmax
630
620
620
540
468
nm
FWHM- Spectral bandwidth at 50% of Φv
typ
19
19
19
34
20
nm
Chromaticity Coordinates 6,7
typ
x
0.698
0.675
0.675
0.167
0.147
typ
y
0.302
0.325
0.325
0.704
0.033
Forward Voltage
min
V
F min
2.2
2.2
2.3
3.5
3.2
V
typ
V
F
2.6
2.6
3.0
5.2
3.9
V
max
V
F max
3.2
3.2
3.7
5.9
5.2
V
Dynamic Resistance
typ
Ω
dyn
tbd
0.03
TBD
0.05
0.02
Ω
Device Thermal Characteristics
Thermal Coefficient of Photometric Flux
typ
-1
-1
tbd
-0.2
-0
% / oC
Thermal Coefficient of Radiometric Flux
typ
-0.7
-0.7
tbd
-0.2
-0.2
% / oC
Forward Voltage Temperature
Coefficient
typ
-1.6
-1.6
tbd
-2
-3
mV/ oC
Characteristics at Reference Continuous Drive Current I
F (continuous wave)
1
Reference Drive Current
typ
I
F
18
18
18
18
18
A
Luminous Flux
typ
Φ
v
910
1175
1485
3640
720
lm
Radiometric Flux
typ
Φ
r
5.2
4.6
5.3
7.0
14
W
Dominant Wavelength
typ
λ
d
624
612
612
528
461
nm
FWHM -Spectral bandwidth at 50% of Φv
typ
18
18
18
36
21
nm
Chromaticity Coordinates 6,7
typ
x
0.700
0.677
0.677
0.177
0.144
nm
typ
y
0.300
0.322
0.322
0.713
0.034
nm
Forward Voltage
typ
V
F
2.3
2.3
2.7
4.7
3.4
V
For Notes, see following page
PT-121-TE Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com