Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAMA5D27 Datasheet(PDF) 41 Page - Microchip Technology

Part # SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Datasheet(HTML) 41 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 37Page - Microchip Technology SAMA5D27 Datasheet HTML 38Page - Microchip Technology SAMA5D27 Datasheet HTML 39Page - Microchip Technology SAMA5D27 Datasheet HTML 40Page - Microchip Technology SAMA5D27 Datasheet HTML 41Page - Microchip Technology SAMA5D27 Datasheet HTML 42Page - Microchip Technology SAMA5D27 Datasheet HTML 43Page - Microchip Technology SAMA5D27 Datasheet HTML 44Page - Microchip Technology SAMA5D27 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
8.
Debug Considerations
The SAMA5D27 SOM1 JTAG access is disabled during the execution of the ROM code sequence. It is re-enabled
when jumping into SRAM when a valid code has been found on an external NVM, at the same time the ROM memory
and fuses are hidden. If no valid boot is found on an external NVM, the ROM code
• enables the USB connection and one UART serial port
• starts the standard SAM-BA monitor
• locks access to the ROM memory
• re-enables the JTAG connection
The SAMA5D27 SOM1 has multiple debug and JTAG settings. For more information, refer to the SAMA5D2 Data
Sheet, document no. DS60001476, “SECUMOD JTAG Protection Control Register”, "Customer Fuse Matrix" and
"Special Function Bits".
The JTAG I/O set can be configured. For correct operations, the I/O set to be used is JTAG_IOSET_3, i.e., the field
JTAG_IO_SET in the Boot Configuration Word must be written with value '2'.(1)
Note:  Due to IO conflict on line PA22, JTAG_IOSET_4 must not be implemented when SDMMC1 is used as an
NVM boot media. See the SAMA5D2 Data Sheet, document no. DS60001476, “Boot Configuration Word”.
SAMA5D27 SOM1
Debug Considerations
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55