Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAMA5D27 Datasheet(PDF) 48 Page - Microchip Technology

Part # SAMA5D27
Description  SAMA5D27 MPU, 1Gbit (128MB) DDR2 SDRAM, 10/100 Ethernet PHY, 64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D27 Datasheet(HTML) 48 Page - Microchip Technology

Back Button SAMA5D27 Datasheet HTML 44Page - Microchip Technology SAMA5D27 Datasheet HTML 45Page - Microchip Technology SAMA5D27 Datasheet HTML 46Page - Microchip Technology SAMA5D27 Datasheet HTML 47Page - Microchip Technology SAMA5D27 Datasheet HTML 48Page - Microchip Technology SAMA5D27 Datasheet HTML 49Page - Microchip Technology SAMA5D27 Datasheet HTML 50Page - Microchip Technology SAMA5D27 Datasheet HTML 51Page - Microchip Technology SAMA5D27 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
11.
Production Settings
11.1
Bake Information
The SAMA5D27-SOM1 module is rated MSL 3, indicating that storage and assembly processes must be compliant
with IPC/JEDEC J-STD-033C.
The SAMA5D27-SOM1 module has a total thickness of 2.750 mm (PCB and SMD mounted) and is comparable to a
die package. Thus baking instructions must comply with Table 4-1 of J-STD-033-C as a package body comprised
between 2.0mm and 4.5mm.
Refer to the highlighted information in the table below.
Table 4-1 Reference Conditions for Drying Mounted or Unmounted SMD
Packages (User Bake: Floor life begins counting at time=0 after bake)
Package Body
Level
Bake@ 125 °C +10/-0 °C
Bake@ 90 °C +8/-0 °C
≤5% RH
Bake@ 40 °C +5/-0 °C
≤5% RH
Exceeding
Floor Life
by >72 h
Exceeding
Floor Life
by ≤72 h
Exceeding
Floor Life
by >72 h
Exceeding
Floor Life
by ≤72 h
Exceeding
Floor Life
by >72 h
Exceeding
Floor Life
by ≤72 h
Thickness
≤1.4 mm
2
5 hours
3 hours
17 hours
11 hours
8 days
5 days
2a
7 hours
5 hours
23 hours
13 hours
9 days
7 days
3
9 hours
7 hours
33 hours
23 hours
13 days
9 days
4
11 hours
7 hours
37 hours
23 hours
15 days
9 days
5
12 hours
7 hours
41 hours
24 hours
17 days
10 days
5a
16 hours
10 hours
54 hours
24 hours
22 days
10 days
Thickness
>1.4 mm
≤2.0 mm
2
18 hours
15 hours
63 hours
2 days
25days
20 days
2a
21 hours
16 hours
3 days
2 days
29 days
22 days
3
27 hours
17 hours
4 days
2 days
37 days
23 days
4
34 hours
20 hours
5 days
3 days
47 days
28 days
5
40 hours
25 hours
6 days
4 days
57 days
35 days
5a
48 hours
40 hours
8 days
6 days
79 days
56 days
Thickness
>2.0 mm
≤4.5 mm
2
48 hours
48 hours
10 days
7 days
79 days
67 days
2a
48 hours
48 hours
10 days
7 days
79 days
67 days
3
48 hours
48 hours
10 days
8 days
79 days
67 days
4
48 hours
48 hours
10 days
10 days
79 days
67 days
5
48 hours
48 hours
10 days
10 days
79 days
67 days
5a
48 hours
48 hours
10 days
10 days
79 days
67 days
BGA package
>17 mmx 17 mm
or any stacked
die package
2-5a
96 hours
(See Note 2)
As above
per package
thickness and
moisture level
Not applicable
As above
per package
thickness and
moisture level
Not applicable
As above
per package
thickness and
moisture level
Note 1: Table 4-1 is based on worst-case molded lead frame SMD packages. Users may reduce the actual bake time if technically justified (e.g., absorption/
desorption data, etc.). In most cases it is applicable to other nonhermetic surface mount SMD packages. If parts have been exposed to >60% RH it
may be necessary to increase the bake time by tracking desorption data to ensure parts are dry.
Note 2: For BGA packages >17 mmx 17 mm, that do not have internal planes that block the moisture di usion path in the substrate, may use bake times
based on the thickness/moisture level portion of the table.
Note 3: If baking of packages >4.5 mm thick is required see appendix B.
IPC/JEDEC J-STD-033C
February 2012
11.2
Reflow Profile
The SAMA5D27 SOM1 was assembled using standard lead-free reflow profile IPC/JEDEC J-STD-020E. We
recommend a maximum of two soldering processes.
SAMA5D27 SOM1
Production Settings
© 2020 Microchip Technology Inc.
Datasheet
DS60001521D-page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55