Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF064BEUI Datasheet(PDF) 51 Page - Microchip Technology

Part # SST26VF064BEUI
Description  64 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48??and EUI-64??Identifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BEUI Datasheet(HTML) 51 Page - Microchip Technology

Back Button SST26VF064BEUI Datasheet HTML 47Page - Microchip Technology SST26VF064BEUI Datasheet HTML 48Page - Microchip Technology SST26VF064BEUI Datasheet HTML 49Page - Microchip Technology SST26VF064BEUI Datasheet HTML 50Page - Microchip Technology SST26VF064BEUI Datasheet HTML 51Page - Microchip Technology SST26VF064BEUI Datasheet HTML 52Page - Microchip Technology SST26VF064BEUI Datasheet HTML 53Page - Microchip Technology SST26VF064BEUI Datasheet HTML 54Page - Microchip Technology SST26VF064BEUI Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
 2015-2018 Microchip Technology Inc.
DS20006138A-page 51
SST26VF064BEUI
9.0
PACKAGING INFORMATION
9.1
Package Marking
8-Lead SOIJ (5.28 mm)
Example
26F064B
SM 3
e
1506343
XXXXXXXX
YYWWNNN
XXXXXXXX
MF
1506343
26F064B
e3
8-Lead WDFN (5x6 mm)
Example
Part Number
1st Line Marking Codes
SOIJ
WDFN
SST26VF064BEUI
26F064B
26F064B
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC® designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC® designator
, the marking will only appear on the outer carton or reel label.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com