Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF064BEUI Datasheet(PDF) 78 Page - Microchip Technology

Part # SST26VF064BEUI
Description  64 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48??and EUI-64??Identifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BEUI Datasheet(HTML) 78 Page - Microchip Technology

Back Button SST26VF064BEUI Datasheet HTML 73Page - Microchip Technology SST26VF064BEUI Datasheet HTML 74Page - Microchip Technology SST26VF064BEUI Datasheet HTML 75Page - Microchip Technology SST26VF064BEUI Datasheet HTML 76Page - Microchip Technology SST26VF064BEUI Datasheet HTML 77Page - Microchip Technology SST26VF064BEUI Datasheet HTML 78Page - Microchip Technology SST26VF064BEUI Datasheet HTML 79Page - Microchip Technology SST26VF064BEUI Datasheet HTML 80Page - Microchip Technology SST26VF064BEUI Datasheet HTML 81Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
 2015-2018 Microchip Technology Inc.
DS20006138A-page 78
SST26VF064BEUI
12.2.4
EUI-64 ADDRESS
The
8-byte
EUI-64
address
value
of
the
SST26VF064BEUI is stored in the SFDP table at
address locations 0x268 through 0x26F, as shown in
Figure 12-2. The first three bytes are the Organization-
ally Unique Identifier (OUI) assigned to Microchip by
the IEEE Registration Authority. The remaining five
bytes are the Extension Identifier and are generated by
Microchip to ensure a globally unique, 64-bit value.
FIGURE 12-2:
EUI-64™ ADDRESS PHYSICAL MEMORY MAP EXAMPLE
Corresponding EUI-64™ Address: 00-04-A3-12-34-56-78-90
Note:
In conformance with IEEE guidelines,
Microchip will not use the values 0xFFFE
and 0xFFFF for the first two bytes of the
EUI-64 Extension Identifier. These two
values and specially reserved to allow
applications
to
encapsulate
EUI-48
addresses into EUI-64 addresses.
Octet
01234567
Description
24-bit Organizationally
Unique Identifier
40-bit Extension Identifier
Data
00h
04h
A3h
12h
34h
56h
78h
90h
SFDP Address
26Fh
268h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com