Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR-90-W57S-R11-N2 Datasheet(PDF) 1 Page - Luminus, Inc

Part # SSR-90-W57S-R11-N2
Description  Extremely high optical output White LED: up to 4,000lm at 18A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SSR-90-W57S-R11-N2 Datasheet(HTML) 1 Page - Luminus, Inc

  SSR-90-W57S-R11-N2 Datasheet HTML 1Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 2Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 3Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 4Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 5Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 6Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 7Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 8Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Applications
• Machine vision
• High- output strobing applications
• Beacons, obstruction Lighting
• Industrial Applications
• Portable Lighting
• Medical Lighting
• Emergency Vehicle Lighting
• Displays and Signage
• High-output, directional transporta-
tion lighting
• Search Lights
• Work Lights
Features:
• Extremely high optical output White LED: up to 4,000lm at 18A
• 5700K Daylight and 6500K Cool White color points available.
• High thermal conductivity package - junction to case thermal resistance of only
0.5 °C/W
• Large, monolithic chip with uniform emitting area of 9 mm2
• Variable drive currents: less than 1 A through 18 A continuous waveform.
• Electrically isolated thermal path
• Environmentally friendly: RoHS compliant
Table of Contents
Technology Overview ......2
Binning Structure ..........3
Ordering Information ......5
Shipping and Labeling .....6
Electrical Characteristics....7
Product Characteristics.....8
Mechanical Dimensions .. 11
Solder Profile ............ 14
Tape and Reel Drawing ... 15
History of Changes ....... 16
1
PDS-001342 Rev 15 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-W LEDs
SST-90-W Product Datasheet


Similar Part No. - SSR-90-W57S-R11-N2

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SSR-90-R-F11-HG LUMINUS-SSR-90-R-F11-HG Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SSR-90-R-F11-HH LUMINUS-SSR-90-R-F11-HH Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SSR-90-R-F11-HJ LUMINUS-SSR-90-R-F11-HJ Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SSR-90-R-R11-HG LUMINUS-SSR-90-R-R11-HG Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SSR-90-R-R11-HH LUMINUS-SSR-90-R-R11-HH Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
More results

Similar Description - SSR-90-W57S-R11-N2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
White LED Step-Up Regulator
logo
HTC Korea TAEJIN Techno...
LM1937 HTC-LM1937 Datasheet
181Kb / 6P
WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_11 Datasheet
299Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
Output ratings up to 30 Amps at 200 VDC
logo
OSRAM GmbH
SFH-4761 OSRAM-SFH-4761 Datasheet
187Kb / 10P
White frame to achieve high optical power
logo
Luminus, Inc
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
1Mb / 16P
High optical output at 1A up to 133 Red lumens
SBM-40-SC LUMINUS-SBM-40-SC Datasheet
1Mb / 16P
High optical output at 2 A: up to 253 Red lumens
SBT-70 LUMINUS-SBT-70 Datasheet
1Mb / 13P
Extremely high optical output from a 7 mm2 circular emitter
SBT-90 LUMINUS-SBT-90 Datasheet
1Mb / 15P
Extremely high optical output from a 9 mm2 square emitter:
SST-90-R LUMINUS-SST-90-R Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com