Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR-90-W57S-R11-N2 Datasheet(PDF) 10 Page - Luminus, Inc

Part # SSR-90-W57S-R11-N2
Description  Extremely high optical output White LED: up to 4,000lm at 18A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SSR-90-W57S-R11-N2 Datasheet(HTML) 10 Page - Luminus, Inc

Back Button SSR-90-W57S-R11-N2 Datasheet HTML 6Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 7Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 8Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 9Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 10Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 11Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 12Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 13Page - Luminus, Inc SSR-90-W57S-R11-N2 Datasheet HTML 14Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
PDS-001342 Rev 15 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-W Product Datasheet
Thermal Resistance
TypicalThermal Resistance
R
j-c
1
0.50 ºC/W
R
j-b
1
1.20 ºC/W
R
j-hs
2
1.40 ºC/W
Note 1: Thermal resistance values are based on
FEA model results correlated to
measured Rθj-hs data.
Note 2: Thermal resistance is measured using a
SAC305 solder, a Bergquist Al-clad
MCPCB, and eGraf 1205 thermal
interface material.
Ths denition = 3 mm from core-board
Tj
Tc
Ths
Die Junction
Window Frame
Ceramic Substrate
Aluminum Core Board
Heat Sink
Tb
Dome
Typical Angular Radiation Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com