Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP5331 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5331 Datasheet HTML 1Page - ON Semiconductor NCP5331 Datasheet HTML 2Page - ON Semiconductor NCP5331 Datasheet HTML 3Page - ON Semiconductor NCP5331 Datasheet HTML 4Page - ON Semiconductor NCP5331 Datasheet HTML 5Page - ON Semiconductor NCP5331 Datasheet HTML 6Page - ON Semiconductor NCP5331 Datasheet HTML 7Page - ON Semiconductor NCP5331 Datasheet HTML 8Page - ON Semiconductor NCP5331 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
NCP5331
http://onsemi.com
4
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering
SMD Reflow Profile (60 seconds maximum)
230
183
°C peak
°C
Storage Temperature Range
-65 to 150
°C
Package Thermal Resistance:
Junction-to-Ambient, RθJA
52
°C/W
ESD Susceptibility (Human Body Model)
2.0
kV
JEDEC Moisture Sensitivity
TBD
-
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
COMP
6.0 V
-0.3 V
1.0 mA
1.0 mA
VFB
6.0 V
-0.3 V
1.0 mA
1.0 mA
VDRP
6.0 V
-0.3 V
1.0 mA
1.0 mA
CS1, CS2
6.0 V
-0.3 V
1.0 mA
1.0 mA
CSREF
6.0 V
-0.3 V
1.0 mA
1.0 mA
ROSC
6.0 V
-0.3 V
1.0 mA
1.0 mA
PGD
6.0 V
-0.3 V
1.0 mA
8.0 mA
VID Pins
6.0 V
-0.3 V
1.0 mA
1.0 mA
ILIM
6.0 V
-0.3 V
1.0 mA
1.0 mA
5 VREF
6.0 V
-0.3 V
1.0 mA
20 mA
CBOUT
13.2 V
-0.3 V
1.0 mA
4.0 mA
CPGD
6.0 V
-0.3 V
1.0 mA
1.0 mA
COVC
6.0 V
-0.3 V
1.0 mA
1.0 mA
VCCL
16 V
-0.3 V
N/A
50 mA
VCCH
20 V
-0.3 V
N/A
1.5 A for 1.0
µs,
200 mA dc
VCCLx
16 V
-0.3 V
N/A
1.5 A for 1.0
µs,
200 mA dc
5 VSB
6.0 V
-0.3 V
N/A
1.0 mA
GHx
20 V
-2.0 V for 100 ns,
-0.3 V dc
1.5 A for 1.0
µs,
200 mA dc
1.5 A for 1.0
µs,
200 mA dc
GLx
16 V
-2.0 V for 100 ns,
-0.3 V dc
1.5 A for 1.0
µs,
200 mA dc
1.5 A for 1.0
µs,
200 mA dc
GND1, GND2
0.3 V
-0.3 V
2.0 A for 1.0
µs,
200 mA dc
N/A
LGND
0 V
0 V
50 mA
N/A
-SEN
0.3 V
-0.3 V
1.0 mA
1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com