Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADGS1414DBCCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADGS1414DBCCZ
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414DBCCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADGS1414DBCCZ Datasheet HTML 13Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 14Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 15Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 16Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 17Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 18Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 19Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 20Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADGS1414D
Rev. 0 | Page 17 of 28
TEST CIRCUITS
Figure 28. On Leakage
Figure 29. On Resistance
(IDS = Drain and Source Current)
Figure 30. Channel to Channel Crosstalk
Figure 31. Off Isolation
Figure 32. Off Leakage
Figure 33. THD + N
Figure 34. −3 dB Bandwidth
Figure 35. AC PSRR
VD
Sx
Dx
VS
A
ID (ON)
Sx
Dx
VS
A
A
VD
IS (OFF)
ID (OFF)
Sx
Dx
VS
V
IDS
RON = V/IDS
GND
Sx
Dx
VOUT
AUDIO PRECISION
RL
110Ω
RS
VS
V p-p
VDD
VSS
VDD
VSS
CHANNEL TO CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
D2
D1
S2
VOUT
NETWORK
ANALYZER
RL
50Ω
RL
50Ω
VS
VS
VDD
VSS
VDD
VSS
NC
INSERTION LOSS = 20 log
VOUT WITH SWITCH
GND
Sx
Dx
VOUT
NETWORK
ANALYZER
RL
50Ω
50Ω
VS
VS WITHOUT SWITCH
VDD
VSS
VDD
VSS
OFF ISOLATION = 20 log
VOUT
GND
Sx
Dx
VOUT
NETWORK
ANALYZER
RL
50Ω
50Ω
50Ω
VS
VS
VDD
VSS
VDD
VSS
AC PSRR = 20 log
VOUT
GND
D1
S1
VOUT
NETWORK
ANALYZER
RL
50
Ω
VS
VDD
VSS
VSS
NC
INTERNAL
BIAS
VS
RL
50
Ω
NOTES
1. BOARD AND COMPONENT EFFECTS ARE NOT DE-EMBEDDED
FROM THE AC PSRR MEASUREMENT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com