Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADGS1414DBCCZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADGS1414DBCCZ
Description  SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1414DBCCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADGS1414DBCCZ Datasheet HTML 18Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 19Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 20Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 21Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 22Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 23Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 24Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 25Page - Analog Devices ADGS1414DBCCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADGS1414D
Data Sheet
Rev. 0 | Page 22 of 28
When in address mode, the ADGS1414D can only enter daisy-
chain mode by sending the 16-bit SPI command, 0x2500
(see Figure 43). When the ADGS1414D receives this command,
the SDO of the device sends out the same command because
the alignment bits at SDO are 0x25, which allows multiple daisy
connected devices to enter daisy-chain mode in a single SPI
frame. A hardware reset is required to exit daisy-chain mode.
For the timing diagram of a typical daisy-chain SPI frame, see
Figure 44. When CS goes high, Device 1 writes Command 0,
Bits[7:0] to its switch data register, Device 2 writes Command 1,
Bits[7:0] to its switches, and so on. The SPI block uses the last
eight bits it received through SDI to update the switches. After
entering daisy-chain mode, the first eight bits sent out by SDO
on each device in the chain are 0x00. When CS goes high, the
internal shift register value does not reset back to zero.
An SCLK rising edge reads data on SDI while data is
propagated out SDO on an SCLK falling edge.
POWER-ON RESET
The digital section of the ADGS1414D goes through an
initialization phase during VL power up. This initialization also
occurs after a hardware or software reset. After VL power-up or
a reset, ensure that a minimum of 120 µs passes from the time
of power-up or reset before any SPI command is issued. Ensure
that VL does not drop out during the 120 µs initialization phase
because it may result in the incorrect operation of the
ADGS1414D.
Figure 43. SPI Command to Enter Daisy-Chain Mode
Figure 44. Example of an SPI Frame Where Four ADGS1414D Devices Connect in Daisy-Chain Mode
0
0
1
0
0
1
0
1
0
0
0
0
0
0
0
0
SDO
0
0
1
0
0
1
0
1
0
0
0
0
0
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SDI
SCLK
CS
SDO
COMMAND3[7:0]
0x00
COMMAND2[7:0]
COMMAND3[7:0]
COMMAND1[7:0]
COMMAND2[7:0]
COMMAND0[7:0]
COMMAND1[7:0]
SDI
SDO3
0x00
0x00
0x00
0x00
COMMAND3[7:0]
0x00
COMMAND2[7:0]
COMMAND3[7:0]
SDO2
DEVICE 2
DEVICE 1
DEVICE 4
DEVICE 3
CS
NOTES
1. SDO2 AND SDO3 ARE THE OUTPUT COMMANDS FROM DEVICE 2 AND DEVICE 3, RESPECTIVELY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com