Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSC573WCBCZ3XX Datasheet(PDF) 84 Page - Analog Devices

Part # ADSC573WCBCZ3XX
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSC573WCBCZ3XX Datasheet(HTML) 84 Page - Analog Devices

Back Button ADSC573WCBCZ3XX Datasheet HTML 80Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 81Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 82Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 83Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 84Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 85Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 86Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 87Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 142 page
background image
Rev. B
|
Page 84 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
Table 55. LPs—Transmit1
Parameter
Min
Max
Unit
Timing Requirements
tSLACH
LPx_ACK Setup Before LPx_CLK Low
2 × tSCLK0 + 13.5
ns
tHLACH
LPx_ACK Hold After LPx_CLK Low
–5.5
ns
Switching Characteristics
tDLDCH
Data Delay After LPx_CLK High
2.23
ns
tHLDCH
Data Hold After LPx_CLK High
–2.3
ns
tLCLKTWL
2
LPx_CLK Width Low
0.4 × tLCLKTPROG
0.6 × tLCLKTPROG
ns
tLCLKTWH
2
LPx_CLK Width High
0.4 × tLCLKTPROG
0.6 × tLCLKTPROG
ns
tLCLKTW
2
LPx_CLK Period
N × tLCLKTPROG – 0.6
ns
tDLACLK
LPx_CLK Low Delay After LPx_ACK High
tSCLK0 + 4
2 × tSCLK0 + 1 × tLPCLK + 10
ns
1 Specifications apply to LP0 and LP1.
2 See Table 27 for details on the minimum period that can be programmed for tLCLKTPROG.
Figure 29. LPs—Transmit
LPx_CLK
LPx_Dx
(DATA)
LPx_ACK (IN)
OUT
tDLDCH
tHLDCH
tSLACH
tHLACH
tDLACLK
tLCLKTWH
tLCLKTWL
LAST BYTE
TRANSMITTED
FIRST BYTE
TRANSMITTED
1
NOTES
The t
SLACH and tHLACH
specifications apply only to the LPx_CLK falling edge. If these specifications are met,
LPx_CLK extends and the dotted LPx_CLK falling edge does not occur as shown. The position of the
dotted falling edge can be calculated using the t
LCLKTWH specification.
t
LCLKTWH Min must be used for tSLACH
and t
LCLKTWH Max for tHLACH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com