Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSC573WCBCZ3XX Datasheet(PDF) 13 Page - Analog Devices

Part # ADSC573WCBCZ3XX
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSC573WCBCZ3XX Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSC573WCBCZ3XX Datasheet HTML 9Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 10Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 11Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 12Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 13Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 14Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 15Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 16Page - Analog Devices ADSC573WCBCZ3XX Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
Rev. B
|
Page 13 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
periodic communication message objects. Dedicated hardware
circuitry compares the signature with precalculated values and
triggers appropriate fault events.
For example, every 100 ms the system software initiates the sig-
nature calculation of the entire memory contents and compares
these contents with expected, precalculated values. If a mis-
match occurs, a fault condition is generated through the
processor core or the trigger routing unit.
The CRC is a hardware module based on a CRC32 engine that
computes the CRC value of the 32-bit data-words presented to
it. The source channel of the memory to memory DMA (in
memory scan mode) provides data. The data can be optionally
forwarded to the destination channel (memory transfer mode).
The main features of the CRC peripheral are as follows:
• Memory scan mode
• Memory transfer mode
• Data verify mode
• Data fill mode
• User-programmable CRC32 polynomial
• Bit and byte mirroring option (endianness)
• Fault and error interrupt mechanisms
• 1D and 2D fill block to initialize an array with constants
• 32-bit CRC signature of a block of a memory or an MMR
block
Event Handling
The processors provide event handling that supports both nest-
ing and prioritization. Nesting allows multiple event service
routines to be active simultaneously. Prioritization ensures that
servicing a higher priority event takes precedence over servicing
a lower priority event.
The processors provide support for four different types of
events:
• An emulation event causes the processors to enter emula-
tion mode, allowing command and control of the
processors through the JTAG interface.
• A reset event resets the processors.
• An exceptions event occurs synchronously to program flow
(in other words, the exception is taken before the instruc-
tion is allowed to complete). Conditions triggered on the
one side by the SHARC+ core, such as data alignment
(SIMD or long word) or compute violations (fixed or float-
ing point), and illegal instructions cause core exceptions.
Conditions triggered on the other side by the SEC, such as
error correcting codes (ECC), parity, watchdog, or system
clock, cause system exceptions.
• An interrupts event occurs asynchronously to program
flow. They are caused by input signals, timers, and other
peripherals, as well as by an explicit software instruction.
System Event Controller (SEC)
Both SHARC+ cores feature a system event controller. The SEC
features include the following:
• Comprehensive system event source management, includ-
ing interrupt enable, fault enable, priority, core mapping,
and source grouping
• A distributed programming model where each system
event source control and all status fields are independent of
each other
• Determinism where all system events have the same propa-
gation delay and provide unique identification of a specific
system event source
• A slave control port that provides access to all SEC registers
for configuration, status, and interrupt and fault services
• Global locking that supports a register level protection
model to prevent writes to locked registers
• Fault management including fault action configuration,
time out, external indication, and system reset
Trigger Routing Unit (TRU)
The trigger routing unit (TRU) provides system level sequence
control without core intervention. The TRU maps trigger
masters (generators of triggers) to trigger slaves (receivers of
triggers). Slave endpoints can be configured to respond to trig-
gers in various ways. Common applications enabled by the TRU
include,
• Automatically triggering the start of a DMA sequence after
a sequence from another DMA channel completes
• Software triggering
• Synchronization of concurrent activities
SECURITY FEATURES
The following sections describe the security features of the
ADSP-SC57x/ADSP-2157x processors.
ARM TrustZone
The ADSP-SC57x processors provide TrustZone technology
that is integrated into the ARM Cortex-A5 processors. The
TrustZone technology enables a secure state that is extended
throughout the system fabric.
Cryptographic Hardware Accelerators
The ADSP-SC57x/ADSP-2157x processors support standards-
based hardware accelerated encryption, decryption, authentica-
tion, and true random number generation.
Support for the hardware accelerated cryptographic ciphers
includes the following:
• AES in ECB, CBC, ICM, and CTR modes with 128-bit,
192-bit, and 256-bit keys
• DES in ECB and CBC mode with 56-bit key
• 3DES in ECB and CBC mode with 3x 56-bit key
• ARC4 in stateful, stateless mode, up to 128-bit key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com