Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE2G4BPFI80-LX-SD-R Datasheet(PDF) 4 Page - Silicom Ltd.

Part # PE2G4BPFI80-LX-SD-R
Description  Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4BPFI80-LX-SD-R Datasheet(HTML) 4 Page - Silicom Ltd.

  PE2G4BPFI80-LX-SD-R Datasheet HTML 1Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 2Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 3Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 4Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 5Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 6Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 7Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 8Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Cables and Operating
distance:
Multimode fiber:
137m maximum at 62.5 um **
** Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
Optical Output Power:
Normal Mode (Bypass Off):
Typical: -6.77 (TX
–Switch Norma – Fiber – LC/LC)
Minimum: -9.5 dBm
Optical Receive Sensitivity:
Normal Mode (Bypass Off)
Typical: -21.09 dBm
Maximum: -17 dBm
Insertion Loss:
Bypass Mode:
Insertion loss (Optical Power attenuation between TX to RX)
Typical: 0.63 dB (From RX to TX)
Maximum 1.6 dB
Fiber Gigabit Ethernet Technical Specifications
– (1000Base-LX) Adapters:
IEEE Standard / Network
topology:
Fiber Gigabit Ethernet, 1000Base-LX (1310nM)
Data Transfer Rate:
2000Mb/s in full duplex mode per port
Cables and Operating
distance:
Single-Mode fiber: 9um
2500m maximum at 9um **
** Theoretical Distance
– Defined as half a distance as stated by the IEEE 802.3 standard
Optical Output Power:
Normal Mode (Bypass Off):
Minimum: (TX
–Switch Norma – Fiber – LC/LC)=-11.5 dBm
Optical Receive Sensitivity:
Normal Mode (Bypass Off)
Maximum: -19 dBm
Insertion Loss:
Bypass Mode:
Maximum: 1.6 dB (Sum of insertion losses: LC/LC+ fibers and optic switch+LC/LC)
Operating Systems Support
Operating system support:
Linux
FreeBSD
Windows
VMware
usa.com
-
licom
ww.si
w



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com