Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE2G4BPFI80-LX-SD-R Datasheet(PDF) 6 Page - Silicom Ltd.

Part # PE2G4BPFI80-LX-SD-R
Description  Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4BPFI80-LX-SD-R Datasheet(HTML) 6 Page - Silicom Ltd.

  PE2G4BPFI80-LX-SD-R Datasheet HTML 1Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 2Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 3Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 4Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 5Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 6Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 7Page - Silicom Ltd. PE2G4BPFI80-LX-SD-R Datasheet HTML 8Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Silicom Ltd. Connectivity Solutions
Page
6
CE IEC 6100-4-3:1995
Radiated Immunity (80-1000Mhz), 3V/m 80% A.M. by 1kHz
CE IEC 6100-4-4:1995
EFT/B: Immunity to electrical fast transients 1kV Power
Leads, 0.5Kv Signals Leads
CE IEC 6100-4-5:1995
Immunity to conductive surges COM Mode; 2kV
Dif. Mode 1kV
CE IEC 6100-4-6:1996
Conducted immunity (0.15-80 MHz) 3VRMS 80% A.M.
By 1kHz
CE IEC 6100-4-11:1994
Voltage Dips and Short Interruptions
V reduc >95%, 30% >95% Duration 0.5per, 25per, 250per
MTBF:
79 (Years)
*According to Telcordia SR-332 Issue 2
Environmental condition
– GB (Ground, Fixed, Controlled). Ambient temperature – 40°C.
Temperature rise of 15°C above the system ambient temperature was assumed for the cards
components
LEDs
LEDs:
(1) LEDs per port
Link/Act :
Turns on link (Green),
Blinks on activity (Green)
Between each 2 ports : Link Speed / Bypass / Disconnect :
Turns off on normal link.
Yellow on Disconnect
Green on Bypass
LEDs location:
LEDs are located on the PCB, visible via holes in the metal bracket. Each 2 green act/ link and
speed link/bypass/disconnect LEDs are located above their own LC connector port- visible by
light pipes
Connectors:
(4) LC
Functional Description
Silicom’s Quad Port Fiber Bypass adapter supports Normal, Bypass and Disconnect modes. In Normal mode, the ports are
independent interfaces
(see Figure 1: Normal mode, one Bypass pair is illustrated)
usa.com
-
licom
ww.si
w



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com