Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3752MPFE#PBF Datasheet(PDF) 10 Page - Analog Devices

Part # LT3752MPFE#PBF
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752MPFE#PBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3752MPFE#PBF Datasheet HTML 6Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 7Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 8Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 9Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 10Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 11Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 12Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 13Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
LT3752/LT3752-1
10
Rev. C
For more information www.analog.com
LT3752-1: INTVCC in Dropout at
VIN = 8.75V vs Current, Junction
Temperature
LT3752: INTVCC in Dropout at
VIN = 6.5V vs Current, Junction
Temperature
LT3752: INTVCC UVLO Thresholds
vs Junction Temperature
LT3752: INTVCC Regulation
Voltage vs Current, Junction
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
JUNCTION TEMPERATURE (°C)
–75
7.0
6.5
6.0
5.5
5.0
3.5
4.5
4.0
3.0
25
150
–25
100
3752 G13
175
0
125
–50
50 75
ILOAD = 0mA
ILOAD = 10mA
ILOAD = 15mA
ILOAD = 20mA
JUNCTION TEMPERATURE (°C)
–75
7.00
6.95
6.90
6.85
6.80
6.65
6.75
6.70
6.60
25
150
–25
100
3752 G15
175
0
125
–50
50 75
ILOAD = 0mA
ILOAD = 10mA
ILOAD = 20mA
ILOAD = 30mA
VIN = 12V
JUNCTION TEMPERATURE (°C)
–75
10.0
9.5
9.0
8.5
7.5
8.0
5.5
7.0
6.5
6.0
5.0
25
150
–25
100
3752 G16
175
0
125
–50
50 75
ILOAD = 0mA
ILOAD = 10mA
ILOAD = 15mA
ILOAD = 20mA
VIN = 12V
HISENSE Peak Current Threshold
vs Junction Temperature
HISENSE Pin Current vs Duty Cycle
HISENSE Overcurrent
(Hiccup Mode) Threshold
vs Junction Temperature
Housekeeping Internal Soft-Start
Time (HSS) vs Junction
Temperature
JUNCTION TEMPERATURE (°C)
–75
85
84
83
82
81
80
79
77
76
78
75
25
150
–25
100
3752 G09
175
0
125
–50
50 75
DUTY CYCLE (%)
0
60
50
40
30
10
20
0
40
90
20
70
3752 G10
100
30
80
10
50 60
TJ = 150°C
TJ = 25°C
TJ = –55°C
JUNCTION TEMPERATURE (°C)
–75
110
105
100
95
85
90
80
25
150
–25
100
3752 G11
175
0
125
–50
50 75
JUNCTION TEMPERATURE (°C)
–75
3.00
2.75
2.50
2.25
1.75
2.00
1.50
25
150
–25
100
3752 G12
175
0
125
–50
50 75
JUNCTION TEMPERATURE (°C)
–75
4.85
4.80
4.75
4.70
4.55
4.65
4.60
4.50
25
150
–25
100
3752 G14
175
0
125
–50
50 75
INTVCC < UVLO (–): DISABLE SWITCHING
INTVCC > UVLO (+): ENABLE SWITCHING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com