Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3752MPFE#PBF Datasheet(PDF) 17 Page - Analog Devices

Part # LT3752MPFE#PBF
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752MPFE#PBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3752MPFE#PBF Datasheet HTML 13Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 14Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 15Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 16Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 17Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 18Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 19Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 20Page - Analog Devices LT3752MPFE#PBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
LT3752/LT3752-1
17
Rev. C
For more information www.analog.com
TIMING DIAGRAMS
Figure 3. LT3752 Start-Up and Shutdown Timing Diagram
SYSTEM INPUT (MIN)
+VHYST
1.25V
0V
0V
0V
0V
0V
0V
0V
0Hz
7V (REG)
150mV
1.25V
4.75V UVLO(+)
PGOOD(+)
(96% OF FULL-SCALE VHK)
COMPLETED SOFT-STOP
SHUTDOWN:
0.6V < UVLO_VSEC < 1.25V
AND SS1 < 150mV
SS1
SOFT
STARTS
fOSC AND
DVSEC
SS2
SOFT
STARTS
COMP
SS1
SOFT
STOPS
fOSC,DVSEC
AND COMP
OPTIONAL
BOOTSTRAP
DIODE
FROM VHK
SYSTEM INPUT (MIN)
SYSTEM INPUT
(LT3752 VIN PIN)
UVLO_VSEC
(RESISTOR DIVIDER
FROM SYSTEM INPUT)
VHK
(HOUSEKEEPING
SUPPLY OUTPUT)
SS1
COMP
SS2
fOSC
(SWITCHING
FREQUENCY)
INTVCC
TRIGGER
SOFT STOP
COMP
SWITCHING
THRESHOLD
1.25V
FULL-SCALE fOSC
3752 F03
AOUT, OUT, SOUT
SWITCHING
HOUT
SWITCHING
FULL-SCALE fOSC/4.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com