Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E54763API2W0 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP385E54763API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E54763API2W0 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP385E54763API2W0 Datasheet HTML 1Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 2Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 3Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 4Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 5Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
5
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
630
URAC = 220 V, Up-p = 620 V, C-TOL. = ± 10 %
0.027
7.0 x 13.5 x 17.5
15
-
130
3.5
1.3
-
117
-
30
-
32763KF[1]2[2]0
0.033
4.3
1.5
-
95
-
30
-
33363KF[1]2[2]0
0.039
5.1
1.6
-
81
-
30
-
33963KF[1]2[2]0
0.047
6.1
1.7
-
67
-
30
-
34763KF[1]2[2]0
0.056
7.3
1.8
-
66
-
35
-
35663KF[1]2[2]0
0.068
8.8
1.9
-
54
-
35
-
36863KF[1]2[2]0
0.082
8.5 x 15.0 x 17.5
10.7
2.1
-
58
-
45
-
38263KF[1]2[2]0
0.10
13.0
2.3
-
47
-
45
-
41063KF[1]2[2]0
0.12
15.6
2.5
-
39
-
45
-
41263KF[1]2[2]0
0.15
10.0 x 16.5 x 17.5
19.5
3.0
-
32
-
45
-
41563KF[1]2[2]0
0.18
23.4
3.3
-
26
-
45
-
41863KF[1]2[2]0
0.22
10.5 x 17.5 x 18.0
28.6
2.9
-
36
-
75
-
42263KF[1]2[2]0
0.27
11.0 x 18.5 x 18.0
35.1
3.4
-
29
-
75
-
42763KF[1]2[2]0
0.12
7.0 x 16.5 x 26.0
22.5
-
150
18.0
2.6
-
39
-
45
-
41263KI[1]2[2]0
0.15
22.5
2.9
-
32
-
45
-
41563KI[1]2[2]0
0.18
8.5 x 18.0 x 26.0
27.0
3.4
-
26
-
45
-
41863KI[1]2[2]0
0.22
33.0
2.9
-
36
-
75
-
42263KI[1]2[2]0
0.27
10.0 x 19.5 x 26.0
40.5
3.4
-
29
-
75
-
42763KI[1]2[2]0
0.33
49.5
3.8
-
24
-
75
-
43363KI[1]2[2]0
0.39
12.0 x 22.0 x 26.0
58.5
4.5
-
20
-
75
-
43963KI[1]2[2]0
0.47
70.5
5.0
-
17
-
75
-
44763KI[1]2[2]0
0.56
84.0
4.7
-
19
-
100
-
45663KI[1]2[2]0
0.27
9.0 x 19.0 x 31.0
27.5
-
90
24.3
3.3
-
29
-
75
-
42763KK[1]2[2]0
0.33
29.7
3.6
-
24
-
75
-
43363KK[1]2[2]0
0.39
11.0 x 21.0 x 31.0
35.1
4.3
-
20
-
75
-
43963KK[1]2[2]0
0.47
42.3
4.7
-
17
-
75
-
44763KK[1]2[2]0
0.56
50.4
4.4
-
19
-
100
-
45663KK[1]2[2]0
0.68
13.0 x 23.0 x 31.0
61.2
5.2
-
15
-
100
-
46863KK[1]2[2]0
0.82
73.8
5.5
-
14
-
110
-
48263KK[1]2[2]0
1.0
15.0 x 25.0 x 31.0
90.0
6.5
-
12
-
110
-
51063KK[1]2[2]0
1.2
18.0 x 28.0 x 31.0
108.0
7.8
-
10
-
110
-
51263KK[1]2[2]0
1.5
135.0
8.7
-
8
-
110
-
51563KK[1]2[2]0
1.8
21.0 x 31.0 x 31.0
162.0
9.6
-
7
-
125
-
51863KK[1]2[2]0
2.2
198.0
10.7
-
6
-
125
-
52263KK[1]2[2]0
2.7
18 x 32.5 x 41.5
37.5
-
50
135.0
10.7
-
7
-
150
-
52763KP[1]2T0
3.3
18.5 x 35.5 x 43
10.2
165.0
11.1
11.7
7
7
190
175
53363KP[1]4T0
3.9
21.5 x 38.5 x 43
195.0
11.8
12.4
7
7
225
205
53963KP[1]4T0
4.7
235.0
11.9
12.5
7
7
270
245
54763KP[1]4T0
5.6
24 x 44 x 42
280.0
13.0
13.7
7
7
305
275
55663KP[1]4T0
6.8
30 x 45 x 42
20.3
340.0
14.6
15.3
6
6
340
310
56863KP[1]5T0
8.2
410.0
15.5
16.3
6
6
365
330
58263KP[1]5T0
15
35 x 50 x 57.5
52.5
25
375.0
16.8
17.6
7
7
840
760
61563KY[1]5T0
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION
w x h x l
(mm)
P1
(mm)
P2
(mm)
du/dt
(V/μs)R
IPEAK
(A)
IRMS (1)
(A)
ESR (2)
(m
)
tan
(3)
(10-4)
ORDERING CODE (4)
MKP385e....
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
Notes
(1) IRMS at 85 °C ambient temperature and 100 kHz
(2) ESR at 85 °C and 100 kHz
(3) Maximum tan
 value at 100 kHz
(4) Please replace “[1]” by the lead length code and the “[2]” by the packaging type in accordance with section “Composition of Catalog
Number”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com