Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E54763API2W0 Datasheet(PDF) 20 Page - Vishay Siliconix

Part # MKP385E54763API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E54763API2W0 Datasheet(HTML) 20 Page - Vishay Siliconix

Back Button MKP385E54763API2W0 Datasheet HTML 16Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 17Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 18Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 19Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 20Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 21Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 22Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 23Page - Vishay Siliconix MKP385E54763API2W0 Datasheet HTML 24Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
20
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function
of the free air ambient temperature.
The power dissipation can be calculated according type detail specification www.vishay.com/doc?28147
The component temperature rise (
T) can be measured (see section “Measuring the component temperature” for more details)
or calculated by
T = P/G:
•
T = component temperature rise (°C)
• P = power dissipation of the component (mW)
• G = heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
A thermocouple must be attached to the capacitor body as in:
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC).
The temperature rise is given by
T = T
C - Tamb.
To avoid radiation or convection, the capacitor should be tested in a wind-free box.
HEAT CONDUCTIVITY (G) AS A FUNCTION OF ORIGINAL PITCH AND CAPACITOR BODY
THICKNESS IN mW/°C
wmax.
(mm)
HEAT CONDUCTIVITY (mW/°C)
PITCH 15 mm
PITCH 22.5 mm
PITCH 27.5 mm
PITCH 37.5 mm
PITCH 52.5 mm
3.0
-
---
-
3.5
-
---
-
4.0
-
---
-
4.5
-
---
-
5.0
-
---
-
6.0
-
---
-
7.0
14
17
-
-
-
8.5
16
20
-
-
-
9.0
19
-
21
-
-
10.0
21
23
-
-
-
11.0
22
-
-
-
-
12.0
-
-
24
-
-
13.0
-
28
-
-
-
15.0
-
29
-
-
-
15.7
-
-
-
46
-
18.0
-
-
28
54
-
18.5
-
-
32
60
-
21.0
-
-
39
-
-
21.5
-
-
-
68
-
24.0
-
-
45
78
-
25.0
-
-
-
-
-
30.0
-
-
-
90
-
35.0
-
-
-
-
133
Thermocouple
CBA758



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com