Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD600BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PD600BA
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PD600BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PD600BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PD600BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PD600BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PD600BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PD600BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PD600BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PD600BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PD600BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD600BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1.3
1.8
2.3
±100
nA
1
10
9.6
13.5
7.3
9.5
63
S
617
120
84
2.5
Ω
14
1.5
3.7
17
41
55
30
29
A
1.1
V
10
nS
3
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 28A.
VGS =10V, ID =20A
Gate Resistance
VGS = 0V, VDS = 0V, f = 1MHz
STATIC
IF = 20A, dlF/dt = 100A / mS
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
LIMITS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
VGS(th)
Forward Transconductance
1
VDS =20V, VGS = 0V, TJ = 125°C
mA
V
Turn-Off Delay Time
2
VGS = 0V, VDS = 15V, f = 1MHz
Reverse Transfer Capacitance
Turn-On Delay Time
2
Rise Time
2
VGS =4.5V, ID =15A
Total Gate Charge
2
Drain-Source On-State
Resistance
1
RDS(ON)
trr
IF = 20A, VGS = 0V
VGS = 0V, ID = 250mA
IS
pF
VGS = 10V,
VDS =15V, ID = 20A
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
V(BR)DSS
tf
Qgs
Rg
Qgd
VSD
nS
VDS = 15V , ID @ 20A,
VGS= 10V, RGEN= 6Ω
td(on)
td(off)
Ciss
tr
Fall Time
2
gfs
Gate-Body Leakage
TEST CONDITIONS
Output Capacitance
Qg
DYNAMIC
nC
VDS =24V, VGS = 0V
VDS =5V, ID =20A
mΩ
Input Capacitance
Gate-Drain Charge
2
Gate-Source Charge
2
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = 250mA
PARAMETER
Drain-Source Breakdown Voltage
UNITS
SYMBOL
REV 1.0
2
2015/12/4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com