Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACM4004H-FL-YBW-R Datasheet(PDF) 4 Page - AZ Displays

Part # ACM4004H-FL-YBW-R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM4004H-FL-YBW-R Datasheet(HTML) 4 Page - AZ Displays

  ACM4004H-FL-YBW-R Datasheet HTML 1Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 2Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 3Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 4Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 5Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 6Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 7Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 8Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ACM4004H-FL-YBW-R (AZ DISPLAYS) CHARACTER MODULE VER1.0
AZ DISPLAYS
3
1.0 GENERAL SPECS
1. Display Format
40*4 Character
2. Power Supply
5.0V(Single power supply without DC-DC,adjustable Vop)
3. Module Outline Dimension
190.0mm(W) x 54.0mm(H) x max 13.7mm(D)
4. Viewing Area(W*H)
147.0mm(W) x 29.5mm(H)
5. Dot Size (W*H)
0.50mm(W) x 0.55mm(H)
6. Dot Pitch (W*H)
0.57mm(W) x 0.62mm(H)
7. Character Size (W*H)
2.78mm(W) x 4.89mm(H)
8. Character Pitch (W*H)
3.53mm(W) x 6.09mm(H)
9. Viewing Direction
6:00 O’Clock
10. Driving Method
1/16Duty,1/5Bias
11. Control IC
ST7066U-0A or compatible
12. Display Mode
STN(Y-G)/ Positive / Transflective
13. Backlight
Yellow-Green LED/Bottom
14. Operating Temperature
-20ºC ~ 70ºC
15. Storage Temperature
-30ºC ~ 80ºC
16. RoHS
RoHS compliant
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature
Top
-20
--
70
ºC
Storage temperature
Tst
-30
--
80
ºC
Input voltage
Vin
Vss-0.3
--
Vdd+0.3
V
Supply voltage for logic
Vdd- Vss
2.7
--
5.5
V
Supply voltage for LCD driving
Vdd- V0
3.0
--
8.0
V
3.0 ELECTRICAL CHARACTERISTICS
3.1 Electrical Characteristics Of LCM
Item
Symbol
Condition
Min
Typ
Max
Unit
Power Supply Voltage
Vdd
25ºC
4.8
5.0
5.2
V
Power Supply Current
Idd
Vdd=5.0V, fosc=270kHz
--
1.5
2.0
mA
Input voltage (high)
Vih
Pins:(E,RS,R/W,DB0-DB7)
VDD=5V
2.5
--
Vdd
V
Input voltage (low)
Vil
-0.3
--
0.6
V
Recommended
LC
Driving Voltage
Vdd –V0
-20ºC
4.3
4.5
4.7
V
25ºC
4.0
4.2
4.4
70ºC
3.8
4.0
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com