Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACM4004H-FL-YBW-R Datasheet(PDF) 5 Page - AZ Displays

Part # ACM4004H-FL-YBW-R
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM4004H-FL-YBW-R Datasheet(HTML) 5 Page - AZ Displays

  ACM4004H-FL-YBW-R Datasheet HTML 1Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 2Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 3Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 4Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 5Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 6Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 7Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 8Page - AZ Displays ACM4004H-FL-YBW-R Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACM4004H-FL-YBW-R (AZ DISPLAYS) CHARACTER MODULE VER1.0
AZ DISPLAYS
4
3.2 The Characteristics Of LED Backlight
3.2.1 Electrical-Optical Characteristics Of LED Backlight (Ta=25ºC)
Item
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
(1)
Vf
If=500mA
(5)
3.9
4.2
4.5
V
Reverse Voltage
Vr
-
--
--
8
V
Luminance
(2)
Lv
If=500mA
250
300
350
cd/㎡
Uniformity
(3)
Δ
(Lvmin/Lvmax)%
70%
--
--
-
Peak wave length
λp
If=500mA
570
--
575
nm
Lifetime
(4)
-
If=500mA
-
20000
-
Hours
NOTE:
(1) Forward voltage means voltage applied directly to the LED, please refer to the backlight diagram.
(2)The luminance is the average value of 5 points, The measurement instrument is BM-7 luminance
colorimeter. The diameter of aperture is Φ5mm
(3) Luminance means the backlight brightness without LCD.
(4) Backlight lifetime means luminance value larger than half of the original after 20000 hours’ continuous
working.
(5) Please apply the backlight current as the table recommend. If LCM surface luminance is acceptable,
please apply the driving current as lower as possible. Any time, do not apply the driving current higher than 550mA.
3.2.2 Backlight Control Circuit for LCM(2x50=100 pcs LED)
17(
BL+)
18(
BL-)
Vf
RL2=3.3Ω
RL1=3.3Ω
NOTE :RL1 RL2 PACKAGE SIZE IS 1206
3.2.3 LED Typical Electro-Optical Characteristics Curve(for single led)
1. Forward current vs. Ambient temperature
2. Forward current vs. Forward voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com