Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM8108 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DM8108
Description  8 port 10/100M Fast Ethernet Switching Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM8108 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DM8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM8108 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
DM8108
8 port 10/100M Fast Ethernet Switching Controller
10
Preliminary
Version: DM8108-DS-P02
November 25, 1999
optional
Functional Description
Fast Ethernet Ports Functional Overview
The DM8108 is a high-performance, low-cost Fast
Ethernet Switching Controller which provides packet
switching between eight on-chip, 10/100 Mbps
ports
and one optional expansion port. It is suitable for the
auto-sensing 10/100Mbps switch application.
Switching Architecture
The switching architecture is based on the shared memory
and handshaking signals to switch packets between on-chip
ports hard-wired.
For an incoming packet, the receiving port’s MAC stores it in
the receiving buffers if it is a good packet.
At the same
time, the switching engine determines which port the packet
will forward to and update the address table which will be
used for future packet forwarding reference.
Fast Ethernet Ports
The DM8108 integrates eight Fast Ethernet ports, working
at 10/100Mbps (half-duplex) or 20/200Mbps (full-duplex)
with off-the-shelf PHY chips. The interface is glue-less
through Media Independent Interfaces (MII). The auto-
negotiation function determines the port’s operating mode.
With auto-negotiation disabled, the ports can be forced to
operate at a certain mode, ifso desired. Each port includes
the Media Access Control function (MAC), LED signals for
Link, Collision, Receive/Transmit, Half/Full duplex and
Receive Buffer Full indications.
Address Recognition
The DM8108 in a system can recognize up to 16K Uni-cast
MAC addresses and unlimited Multicast/Broadcast MAC
addresses. An intelligent address recognition mechanism
enables filtering and forwarding packets at full Ethernet wire
speed. The DM8108 provides an address self-learning
mechanism. As each DM8108 learns new address, it
updates the address table in the storage.
Fig.1: Typical 10/100 Mbps auto-sensing switching hub application
Switch Ports
Switch Ports
DM8108
10/100 Mbps PHY
MEM
MEM
DM8108
10/100 Mbps PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com