Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN3840-80-34-C45-R65 Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN3840-80-34-C45-R65
Description  Book-style EMC/RFI Filter for regenerative drive application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3840-80-34-C45-R65 Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN3840-80-34-C45-R65 Datasheet HTML 1Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 2Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 3Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 4Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 5Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
EMC/EMI Products
Schaffner Group
Datasheets
26 Nov 2020
Typical application
System diagram of an Active Front End (AFE) application
EMI
LCL
AFE
M
PE
W
V
U
L1
L2
L3
L1'
L2'
L3'
U
V
W
PE
ULINE
PE
LGRID
VFD
Ig
Us
L1
L2
Cf
Filter
L1
L2
L3
PE
L1'
L2'
L3'
PE
PE
PE
L1
L2
L3
Frequency response
Frequency response at different values of the grid inductance. The grid inductance is calculated with details mentioned at each graph. Each figure represents the
normalized admittance transfer function between the grid current, ig, and the converter voltage us. At low frequencies, the equivalent admittance is inversely
proportional to the total DC resistance of the grid, and EMI and LCL filters (RGRID+REMI+RLCL), which is dominated mainly by the LCL filter RLCL.
FN3840-25-33-C35-R65
400 VAC/50 Hz, 250 kVA trafo with uk of (1) 1%, (2) 2%, (3) 3%, (4) 4%, (5) 5%
and 50m cable.
FN3840-50-53-C35-R65
400 VAC/50 Hz, 250 kVA trafo with uk of (1) 1%, (2) 2%, (3) 3%, (4) 4%, (5) 5%
and 50m cable.
FN3840-80-34-C45-R65
400 VAC/50 Hz, 250 kVA trafo with uk of (1) 1%, (2) 2%, (3) 3%, (4) 4%, (5) 5%
and 50m cable.
FN3840-160-40-C45-R65
400 VAC/50 Hz, 315 kVA trafo with uk of (1) 1%, (2) 2%, (3) 3%, (4) 4%, (5) 5%
and 50m cable.
FN3840-250-99-C2835-R67
400 VAC/50 Hz, 500 kVA trafo with uk of (1) 1%, (2) 2%, (3) 3%, (4) 4%, (5) 5%
and 50m cable.
FN3840-380-99-C2835-R67
400 VAC/50 Hz, 630 kVA trafo with uk of (1) 1%, (2) 2%, (3) 3%, (4) 4%, (5) 5%
and 50m cable.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com