Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN3840-80-34-C45-R65 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN3840-80-34-C45-R65
Description  Book-style EMC/RFI Filter for regenerative drive application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3840-80-34-C45-R65 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN3840-80-34-C45-R65 Datasheet HTML 1Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 2Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 3Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 4Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 5Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA
SHEET
3-Phase Filters FN3840
Book-style EMC/RFI Filter for regenerative drive application
Designed for usage together with LCL filter
Easy design in with system approach
documentation
Footprint space-saving book-style housing
Thermal shutdown capability
Solid safety connector blocks
Versions with low leakage current
Performance indicators
Technical specifications
Maximum continuous operating voltage
3x 530/305 VAC
Operating frequency
DC to 60 Hz
Rated currents
25 to 380 A @50°C
Overload capability
6x rated current for 1 sec, once per hour
1.6x rated current for 1 minute, once per hour
Climatic class
40/100/21 acc. to IEC 60068-1
Temperature range (operation and storage)
-40°C to +100°C (with current derating >50°C)
High potential test voltage
P -> E 2550 VDC for 2 s
P -> P 2550 VDC for 2 s
TS/TS' -> E 2550 VDC for 2 s
TS/TS' -> P 2550 VDC for 2 s
Pollution degree
2 acc. IEC 60664-1
Overvoltage category
III acc. IEC 60664-1
Surge withstand
2kV (P-P) / 4kV (P - E) acc. to IEC 6100-4-5
Altitude
up to 2000m no derating applies. Above 2000m
derating acc. to IEC 60664-1 applies
Design corresponding to
UL 60939-3, IEC 60939-3
Compliance with insulation requirement
> 1MOhm acc. to IEC 60204-1
Protection category
IP 20 (terminal block versions) and IP00 (busbar
versions) acc. to IEC 60529-1
Vibration and shock
3M4 (operation) acc. to IEC 60721-3-3
Flammability corresponding to
Terminals: UL 94 V-0
MTBF
> 300,000 hours
Approvals & Compliances
Features and benefits
FN 3840 series of filters provides state-of-the-art EMI
attenuation based on an innovative filter topology.
They help to ensure compliance with Class C2 or
even C1 limits.
The filters are built to fit perfectly to regenerative
drive applications with LCL filters
Internal thermocouples ensure reliability and
thermal shutdown capabilities
The slim book-style shape allows a convenient and
space-saving installation next to inverters,
converters or motor drives.
The filters offer very high saturation performance,
bundled with best EMI performance
Fulfills the requirements in IEC/EN 61800-5-1 for
electric strength, clearance and creepage
Fulfills the requirements in IEC/EN 60204-1 for
insulation resistance, electric strength, clearance
and creepage
Fulfills the requirements in IEC/EN 62477-1 for
electric strength, clearance and creepage
Typical applications
Regenerative drives in combination with LCL filters
Active infeed converter (AIC)
Active front end (AFE) variable frequency drives
(VFD)
Three-phase variable speed drives (VSD) and power
drive systems (PDS)
Renewable Energy
Machine tool and machinery equipment
Process automation equipment
Typical electrical schematic (please refer to page
2 for further details)
PE
L1
L3
L2
L2'
PE
L3'
L1'


Similar Part No. - FN3840-80-34-C45-R65

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN380-2-2Z SCHAFFNER-FN380-2-2Z Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN380-4-2Z SCHAFFNER-FN380-4-2Z Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN380-6-2Z SCHAFFNER-FN380-6-2Z Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN382-2-2Z SCHAFFNER-FN382-2-2Z Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN382-4-2Z SCHAFFNER-FN382-4-2Z Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
More results

Similar Description - FN3840-80-34-C45-R65

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN258-55-07 ETC2-FN258-55-07 Datasheet
332Kb / 5P
Book-style EMC/RFI Filter for Inverters and Power Drive Systems
FN350-8-29 ETC2-FN350-8-29 Datasheet
551Kb / 4P
Single-phase EMC/RFI Filter for Motor Drives
FN258-7-07 ETC2-FN258-7-07 Datasheet
309Kb / 4P
Book-style EMC/RFI Filter for Inverters and Power Drive Systems
logo
Schaffner International...
FN-258 SCHAFFNER-FN-258 Datasheet
466Kb / 5P
Book-style EMC/RFI Filter for Inverters and Power Drive Systems
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
Compact EMC/RFI Filter for Motor Drives
FN-3120 SCHAFFNER-FN-3120 Datasheet
309Kb / 4P
High-Performance EMC/RFI Filter for Drives
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-3287 SCHAFFNER-FN-3287 Datasheet
1Mb / 9P
Smallest book-style EMC/RFI Filter for Inverter and Power Drive Systems
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
High-current EMC/RFI Filter
FN2220 SCHAFFNER-FN2220 Datasheet
365Kb / 5P
DC-Busbar EMC/RFI Filter for EV charging applications
27 Oct 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com