Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8434APWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8434APWPR
Description  DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8434APWPR Datasheet(HTML) 2 Page - Texas Instruments

  DRV8434APWPR Datasheet HTML 1Page - Texas Instruments DRV8434APWPR Datasheet HTML 2Page - Texas Instruments DRV8434APWPR Datasheet HTML 3Page - Texas Instruments DRV8434APWPR Datasheet HTML 4Page - Texas Instruments DRV8434APWPR Datasheet HTML 5Page - Texas Instruments DRV8434APWPR Datasheet HTML 6Page - Texas Instruments DRV8434APWPR Datasheet HTML 7Page - Texas Instruments DRV8434APWPR Datasheet HTML 8Page - Texas Instruments DRV8434APWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................2
5.1 Pin Functions.............................................................. 3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information....................................................6
6.5 Electrical Characteristics.............................................7
6.6 Indexer Timing Requirements.....................................8
7 Detailed Description...................................................... 11
7.1 Overview................................................................... 11
7.2 Functional Block Diagram......................................... 12
7.3 Feature Description...................................................13
7.4 Device Functional Modes..........................................27
8 Application and Implementation.................................. 29
8.1 Application Information............................................. 29
8.2 Typical Application.................................................... 29
9 Power Supply Recommendations................................35
9.1 Bulk Capacitance...................................................... 35
10 Layout...........................................................................36
10.1 Layout Guidelines................................................... 36
10.2 Layout Example...................................................... 36
11 Device and Documentation Support..........................38
11.1 Receiving Notification of Documentation Updates.. 38
11.2 Support Resources................................................. 38
11.3 Trademarks............................................................. 38
11.4 Electrostatic Discharge Caution.............................. 38
11.5 Glossary.................................................................. 38
12 Mechanical, Packaging, and Orderable
Information.................................................................... 39
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
December 2020
*
Initial release
5 Pin Configuration and Functions
Figure 5-1. PWP PowerPAD™ Package 28-Pin HTSSOP Top View
DRV8434A
SLOSE48 – DECEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8434A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com